Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1908 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX1908
Description  Low-Cost Multichemistry Battery Chargers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1908 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX1908_09 Datasheet HTML 8Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 9Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 10Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 11Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 12Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 13Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 14Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 15Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Low-Cost Multichemistry Battery Chargers
12
______________________________________________________________________________________
-1
1
0
3
2
4
5
01.0
0.5
1.5
2.0
CURRENT-SETTING ERROR vs. ICTL
VICTL (V)
VREFIN = 3.3V
0
1.5
1.0
0.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
01.0
0.5
1.5
2.0
2.5
3.0
ICHG ERROR vs. CHARGE CURRENT
IBATT (A)
VBATT = 16V
VBATT = 12V
VBATT = 8V
VREFIN = 3.3V
-40
-30
-20
-10
0
10
20
30
40
01234
IINP ERROR vs. SYSTEM LOAD CURRENT
SYSTEM LOAD CURRENT (A)
IBATT = 0
-80
-60
-40
-20
0
20
40
60
80
0
0.5
1.0
1.5
2.0
IINP ERROR vs. INPUT CURRENT
INPUT CURRENT (A)
SYSTEM LOAD = 0
ERROR DUE TO SWITCHING NOISE
Typical Operating Characteristics (continued)
(Circuit of Figure 1, VDCIN = 20V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com