Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1908 Datasheet(PDF) 26 Page - Maxim Integrated Products

Part # MAX1908
Description  Low-Cost Multichemistry Battery Chargers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1908 Datasheet(HTML) 26 Page - Maxim Integrated Products

Back Button MAX1908_09 Datasheet HTML 22Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 23Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 24Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 25Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 26Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 27Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 28Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 29Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 30Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Low-Cost Multichemistry Battery Chargers
26
______________________________________________________________________________________
Choose crossover frequency fCO_CS to be 1/5th the
MAX1908/MAX8724/MAX8765/MAX8765A switching
frequency:
Solving for CCS, CCS = 2nF.
To be conservative, set CCS = 10nF, which sets the
crossover frequency at:
The compensation pole, fP_CS is set at:
Component Selection
Table 3 lists the recommended components and refers
to the circuit of Figure 2. The following sections
describe how to select these components.
Inductor Selection
Inductor L1 provides power to the battery while it is
being charged. It must have a saturation current of at
least the charge current (ICHG), plus 1/2 the current rip-
ple IRIPPLE:
ISAT = ICHG + (1/2) IRIPPLE
Ripple current varies according to the equation:
IRIPPLE = (VBATT)
× tOFF/L
where:
tOFF = 2.5µs
× (VDCIN – VBATT)/VDCIN
VBATT < 0.88
× VDCIN
or:
tOFF = 0.3µs
VBATT > 0.88
× VDCIN
Figure 11 illustrates the variation of ripple current vs.
battery voltage when charging at 3A with a fixed 19V
input voltage.
Higher inductor values decrease the ripple current.
Smaller inductor values require higher saturation cur-
rent capabilities and degrade efficiency. Designs for
ripple current, IRIPPLE = 0.3
× ICHG usually result in a
good balance between inductor size and efficiency.
Input Capacitor
Input capacitor C1 must be able to handle the input
ripple current. At high charging currents, the DC-DC
converter operates in continuous conduction. In this
case, the ripple current of the input capacitor can be
approximated by the following equation:
where:
IC1 = input capacitor ripple current.
D = DC-DC converter duty ratio.
ICHG = battery-charging current.
Input capacitor C1 must be sized to handle the maxi-
mum ripple current that occurs during continuous con-
duction. The maximum input ripple current occurs at
50% duty cycle; thus, the worst-case input ripple cur-
rent is 0.5
× ICHG. If the input-to-output voltage ratio is
such that the DC-DC converter does not operate at a
50% duty cycle, then the worst-case capacitor current
occurs where the duty cycle is nearest 50%.
The input capacitor ESR times the input ripple current
sets the ripple voltage at the input, and should not
exceed 0.5V ripple. Choose the ESR of C1 according to:
The input capacitor size should allow minimal output
voltage sag at the highest switching frequency:
I
C
dV
dt
C1
2
1
=
ESR
V
I
C
C
1
1
05
<
.
II
D
D
C
CHG
1
2
=−
f
RC
Hz
PCS
OGMS
CS
_
.
=
×
=
1
2
0 0016
π
f
GMS
nF
kHz
CO CS
_
==
210
16
π
f
GMS
C
kHz
CO CS
CS
_
==
2
80
π
RIPPLE CURRENT vs.
BATTERY VOLTAGE
VBATT (V)
14
13
12
11
10
9
0.5
1.0
1.5
0
8
15161718
VDCIN = 19V
VCTL = ICTL = LDO
4 CELLS
3 CELLS
Figure 11. Ripple Current vs. Battery Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com