Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1908 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX1908
Description  Low-Cost Multichemistry Battery Chargers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1908 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX1908_09 Datasheet HTML 18Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 19Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 20Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 21Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 22Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 23Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 24Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 25Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Low-Cost Multichemistry Battery Chargers
22
______________________________________________________________________________________
CCV Loop Definitions
Compensation of the CCV loop depends on the para-
meters and components shown in Figure 5. CCV and
RCV are the CCV loop compensation capacitor and
series resistor. RESR is the equivalent series resistance
(ESR) of the charger output capacitor (COUT). RL is the
equivalent charger output load, where RL = VBATT/
ICHG. The equivalent output impedance of the GMV
amplifier, ROGMV ≥ 10MΩ. The voltage amplifier
transconductance, GMV = 0.125µA/mV. The DC-DC
converter transconductance, GMOUT = 3.33A/V:
where ACSI = 20, and RS2 is the charging current-
sense resistor in the
Typical Application Circuits.
The compensation pole is given by:
The compensation zero is given by:
The output pole is given by:
where RL varies with load according to RL = VBATT/ICHG.
Output zero due to output capacitor ESR:
The loop transfer function is given by:
Assuming the compensation pole is a very low
frequency, and the output zero is a much higher fre-
quency, the crossover frequency is given by:
To calculate RCV and CCV values of the circuit of Figure 2:
Cells = 4
COUT = 22µF
VBATT = 16.8V
ICHG = 2.5A
GMV = 0.125µA/mV
GMOUT = 3.33A/V
ROGMV = 10MΩ
f = 400kHz
Choose crossover frequency to be 1/5th the
MAX1908’s 400kHz switching frequency:
Solving yields RCV = 26kΩ.
Conservatively set RCV = 1kΩ, which sets the crossover
frequency at:
fCO_CV = 3kHz
Choose the output-capacitor ESR so the output-capacitor
zero is 10 times the crossover frequency:
f
RC
MHz
Z ESR
ESR
OUT
_
.
=
×
=
1
2
2 412
π
R
fC
ESR
CO CV
OUT
=
××
×
=
1
210
024
π
_
.
Ω
f
GMV R
GM
C
kHz
CO CV
CV
OUT
OUT
_
=
××
=
2
80
π
f
GMV R
GM
C
CO CV
CV
OUT
OUT
_
=
××
2
π
LTF
GM
R
GMV R
sC
R
sC
R
sC
R
sC
R
OUT
L
OGMV
OUT
ESR
CV
CV
CV
OGMV
OUT
L
=×
×
×
×
+×
() +×
()
+×
() +×
()
11
11
f
RC
Z ESR
ESR
OUT
_
=
×
1
2
π
f
RC
P OUT
L
OUT
_
=
×
1
2
π
f
RC
ZCV
CV
CV
_
=
×
1
2
π
f
RC
PCV
OGMV
CV
_
=
×
1
2
π
GM
ARS
OUT
CSI
=
×
1
2
GMOUT
BATT
CCV
GMV
REF
RCV
CCV
ROGMV
RESR
RL
COUT
Figure 5. CCV Loop Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com