Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1908 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1908
Description  Low-Cost Multichemistry Battery Chargers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1908 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1908_09 Datasheet HTML 1Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 2Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 3Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 4Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 5Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 6Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 7Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 8Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Low-Cost Multichemistry Battery Chargers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDCIN = VCSSP = VCSSN = 18V, VBATT = VCSIP = VCSIN = 12V, VREFIN = 3V, VVCTL = VICTL = 0.75 x VREFIN, CELLS = open, CLS =
REF, VBST - VLX = 4.5V, ACIN = GND = PGND = 0, CLDO = 1µF, LDO = DLOV, CREF = 1µF; CCI, CCS, and CCV are compensated
per Figure 1a; TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDCIN = 0V
0.1
1
CSSN Input Current
(MAX8765/MAX8765A Only)
VCSSP = VCSSN = 28V
VDCIN = 28V
0.1
1
µA
CLS Input Range
(MAX1908/MAX8724 Only)
1.6
REF
V
CLS Input Range
(MAX8765/MAX8765A Only)
1.1
REF
V
CLS Input Bias Current
VCLS = 2V
-1
+1
µA
IINP Transconductance
(MAX1908/MAX8724 Only)
GIINP
VCSSP - VCSSN = 75mV
2.7
3
3.3
µA/mV
VCSSP - VCSSN = 75mV
-5
+5
IINP Accuracy
VCSSP - VCSSN = 37.5mV
-7.5
+7.5
%
IINP Transconductance
(MAX8765/MAX8765A Only)
GIINP
VCSSP - VCCSN = 75mV
2.82
3
3.18
µA/mV
IINP Transconductance Error
(MAX8765/MAX8765A Only)
-6
+6
%
IINP Transconductance Offset
(MAX8765/MAX8765A Only)
-10
+10
µA
IINP Output Current
VCSSP - VCSSN = 150mV, VIINP = 0V
350
µA
IINP Output Voltage
VCSSP - VCSSN = 150mV, VIINP = open
3.5
V
SUPPLY AND LDO REGULATOR
DCIN Input Voltage Range
VDCIN
8
28
V
VDCIN falling
7
7.4
DCIN Undervoltage-Lockout Trip
Point
VDCIN rising
7.5
7.85
V
DCIN Quiescent Current
IDCIN
8.0V < VDCIN < 28V
3.2
6
mA
VBATT = 19V, VDCIN = 0V
1
BATT Input Current
IBATT
VBATT = 2V to 19V, VDCIN = 19.3V
200
500
µA
LDO Output Voltage
8V < VDCIN < 28V, no load
5.25
5.4
5.55
V
LDO Load Regulation
0 < ILDO < 10mA
34
100
mV
LDO Undervoltage-Lockout Trip
Point
VDCIN = 8V
3.20
4
5.15
V
REFERENCE
REF Output Voltage
0 < IREF < 500µA
4.072
4.096
4.120
V
REF Undervoltage-Lockout Trip
Point
VREF falling
3.1
3.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com