Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1908 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX1908
Description  Low-Cost Multichemistry Battery Chargers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1908 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX1908_09 Datasheet HTML 14Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 15Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 16Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 17Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 18Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 19Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 20Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 21Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Low-Cost Multichemistry Battery Chargers
18
______________________________________________________________________________________
Setting the Charging-Current Limit
The ICTL input sets the maximum charging current. The
current is set by current-sense resistor RS2, connected
between CSIP and CSIN. The full-scale differential
voltage between CSIP and CSIN is 75mV; thus, for a
0.015
Ω sense resistor, the maximum charging current
is 5A. Battery-charging current is programmed with
ICTL using the equation:
The input voltage range for ICTL is VREFIN/32 to VREFIN.
The MAX1908/MAX8724 shut down if ICTL is forced
below VREFIN/100 (min), while the MAX8765/MAX8765A
does not.
Connect ICTL to LDO to select the internal default full-
scale, charge-current sense voltage of 45mV. The
charge current when ICTL = LDO is:
where RS2 is 0.015
Ω, providing a charge-current set
point of 3A.
The current at the ICHG output is a scaled-down replica
of the battery output current being sensed across CSIP
and CSIN (see the
Current Measurement section).
When choosing the current-sense resistor, note that the
voltage drop across this resistor causes further power
loss, reducing efficiency. However, adjusting ICTL to
reduce the voltage across the current-sense resistor
can degrade accuracy due to the smaller signal to the
input of the current-sense amplifier. The charging-
current-error amplifier (GMI) is compensated at CCI
(see the
Compensation section).
Setting the Input Current Limit
The total input current (from an AC adapter or other DC
source) is a function of the system supply current and
the battery-charging current. The input current regulator
limits the input current by reducing the charging
current when the input current exceeds the input
current-limit set point. System current normally fluc-
tuates as portions of the system are powered up or
down. Without input current regulation, the source must
be able to supply the maximum system current and the
maximum charger input current simultaneously. By using
the input current limiter, the current capability of the AC
adapter can be lowered, reducing system cost.
The MAX1908/MAX8724/MAX8765/MAX8765A limit the
battery charge current when the input current-limit
threshold is exceeded, ensuring the battery charger
does not load down the AC adapter voltage. An internal
amplifier compares the voltage between CSSP and
CSSN to the voltage at CLS. VCLS can be set by a
resistive divider between REF and GND. Connect CLS
to REF for the full-scale input current limit. The CLS volt-
age range for the MAX1908/MAX8724 is from 1.6V to
REF, while the MAX8765/MAX8765A CLS voltage is
from 1.1V to REF.
The input current is the sum of the device current, the
charger input current, and the load current. The device
current is minimal (3.8mA) in comparison to the charge
and load currents. Determine the actual input current
required as follows:
where
η is the efficiency of the DC-DC converter.
VCLS determines the reference voltage of the GMS
error amplifier. Sense resistor RS1 and VCLS determine
the maximum allowable input current. Calculate the
input current limit as follows:
Once the input current limit is reached, the charging
current is reduced until the input current is at the
desired threshold.
When choosing the current-sense resistor, note that the
voltage drop across this resistor causes further power
loss, reducing efficiency. Choose the smallest value for
RS1 that achieves the accuracy requirement for the
input current-limit set point.
Conditioning Charge
The MAX1908 includes a battery-voltage comparator
that allows a conditioning charge of overdischarged Li+
battery packs. If the battery-pack voltage is less than
3.1V
× number of cells programmed by CELLS, the
MAX1908 charges the battery with 300mA current when
using sense resistor RS2 = 0.015
Ω. After the
battery voltage exceeds the conditioning charge thresh-
old, the MAX1908 resumes full-charge mode, charging
to the programmed voltage and current limits. The
MAX8724/MAX8765/MAX8765A do not offer this feature.
AC Adapter Detection
Connect the AC adapter voltage through a resistive
divider to ACIN to detect when AC power is available,
as shown in Figure 1. ACIN voltage rising trip point is
VREF/2 with 20mV hysteresis. ACOK is an open-drain
output and is high impedance when ACIN is less than
I
V
VRS
INPUT
CLS
REF
=×
0 075
1
.
II
IV
V
INPUT
LOAD
CHG
BATT
IN
=+
×
×
⎛
⎝⎜
⎞
⎠⎟
η
I
V
RS
CHG =
0 045
2
.
I
V
VRS
CHG
ICTL
REFIN
=×
0 075
2
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com