Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1908 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1908
Description  Low-Cost Multichemistry Battery Chargers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1908 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1908_09 Datasheet HTML 2Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 3Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 4Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 5Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 6Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 7Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 8Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 9Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Low-Cost Multichemistry Battery Chargers
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDCIN = VCSSP = VCSSN = 18V, VBATT = VCSIP = VCSIN = 12V, VREFIN = 3V, VVCTL = VICTL = 0.75 x VREFIN, CELLS = open, CLS =
REF, VBST - VLX = 4.5V, ACIN = GND = PGND = 0, CLDO = 1µF, LDO = DLOV, CREF = 1µF; CCI, CCS, and CCV are compensated
per Figure 1a; TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ERROR AMPLIFIERS
GMV Amplifier Transconductance
GMV
VVCTL = VLDO, VBATT = 16.8V,
CELLS = VREFIN
0.0625
0.125
0.2500
µA/mV
GMI Amplifier Transconductance
GMI
VICTL = VREFIN, VCSIP - VCSIN = 75mV
0.5
1
2.0
µA/mV
GMS Amplifier Transconductance
GMS
VCLS = VREF, VCSSP - VCSSN = 75mV
0.5
1
2.0
µA/mV
CCI, CCS, CCV Clamp Voltage
0.25V < VCCV,CCS,CCI < 2V
150
300
600
mV
LOGIC LEVELS
CELLS Input Low Voltage
0.4
V
CELLS Input Open Voltage
CELLS = open
(VREFIN
/2) -
0.2V
VREFIN/
2
(VREFIN
/2) +
0.2V
V
CELLS Input High Voltage
VREFIN
- 0.4V
V
CELLS Input Bias Current
CELLS = 0V or VREFIN
-2
+2
µA
ACOK AND SHDN
ACOK Input Voltage Range
0
28
V
ACOK Sink Current
VACOK = 0.4V, VACIN = 3V
1
mA
ACOK Leakage Current
VACOK = 28V, VACIN = 0V
1
µA
SHDN Input Voltage Range
0
LDO
V
VSHDN = 0V OR VLDO
-1
+1
SHDN Input Bias Current
VSHDN = 0V OR VSHDN = 5V
-1
+1
µA
SHDN Threshold
VSHDN falling
22
23.5
25
% of
VREFIN
SHDN Threshold Hysteresis
1
% of
VREFIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com