Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1908 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX1908
Description  Low-Cost Multichemistry Battery Chargers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1908 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX1908_09 Datasheet HTML 15Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 16Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 17Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 18Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 19Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 20Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 21Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 22Page - Maxim Integrated Products MAX1908_09 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Low-Cost Multichemistry Battery Chargers
______________________________________________________________________________________
19
VREF/2. Since ACOK can withstand 30V (max), ACOK
can drive a p-channel MOSFET directly at the charger
input, providing a lower dropout voltage than a
Schottky diode (Figure 2). In the MAX1908/MAX8724
the ACOK comparator is enabled after REFIN is ready.
In the MAX8765/MAX8765A, the ACOK comparator is
independent of REFIN.
Current Measurement
Use ICHG to monitor the battery-charging current being
sensed across CSIP and CSIN. The ICHG voltage is
proportional to the output current by the equation:
VICHG = ICHG x RS2 x GICHG x R9
where ICHG is the battery-charging current, GICHG is
the transconductance of ICHG (3µA/mV typ), and R9 is
the resistor connected between ICHG and ground.
Leave ICHG unconnected if not used.
Use IINP to monitor the system input current being
sensed across CSSP and CSSN. The voltage of IINP is
proportional to the input current by the equation:
VIINP = IINPUT x RS1 x GIINP x R10
where IINPUT is the DC current being supplied by the AC
adapter power, GIINP is the transconductance of IINP
(3µA/mV typ), and R10 is the resistor connected between
IINP and ground. ICHG and IINP have a 0 to 3.5V output
voltage range. Leave IINP unconnected if not used.
LDO Regulator
LDO provides a 5.4V supply derived from DCIN and
can deliver up to 10mA of load current. The MOSFET
drivers are powered by DLOV and BST, which must be
connected to LDO as shown in Figure 1. LDO supplies
the 4.096V reference (REF) and most of the control cir-
cuitry. Bypass LDO with a 1µF capacitor to GND.
Shutdown
The MAX1908/MAX8724/MAX8765/MAX8765A feature
a low-power shutdown mode. Driving SHDN low shuts
down the MAX1908/MAX8724/MAX8765/MAX8765A. In
shutdown, the DC-DC converter is disabled and CCI,
CCS, and CCV are pulled to ground. The IINP and
ACOK outputs continue to function.
SHDN can be driven by a thermistor to allow automatic
shutdown of the MAX1908/MAX8724/MAX8765/
MAX8765A when the battery pack is hot. The shutdown
falling threshold is 23.5% (typ) of VREFIN with 1%
VREFIN hysteresis to provide smooth shutdown when
driven by a thermistor.
DC-DC Converter
The MAX1908/MAX8724/MAX8765/MAX8765A employ
a buck regulator with a bootstrapped nMOS high-side
switch and a low-side nMOS synchronous rectifier.
CCV, CCI, CCS, and LVC Control Blocks
The MAX1908/MAX8724/MAX8765/MAX8765A control
input current (CCS control loop), charge current (CCI
control loop), or charge voltage (CCV control loop),
depending on the operating condition.
The three control loops, CCV, CCI, and CCS are brought
together internally at the LVC amplifier (lowest voltage
clamp). The output of the LVC amplifier is the feedback
control signal for the DC-DC controller. The output of the
GM amplifier that is the lowest sets the output of the LVC
amplifier and also clamps the other two control loops to
within 0.3V above the control point. Clamping the other
two control loops close to the lowest control loop ensures
fast transition with minimal overshoot when switching
between different control loops.
DC-DC Controller
The MAX1908/MAX8724/MAX8765/MAX8765A feature a
variable off-time, cycle-by-cycle current-mode control
scheme. Depending upon the conditions, the MAX1908/
MAX8724/MAX8765/MAX8765A work in continuous or
discontinuous-conduction mode.
Continuous-Conduction Mode
With sufficient charger loading, the MAX1908/MAX8724/
MAX8765/MAX8765A operate in continuous-conduction
mode (inductor current never reaches zero) switching at
400kHz if the BATT voltage is within the following range:
3.1V x (number of cells) < VBATT < (0.88 x VDCIN )
The operation of the DC-DC controller is controlled by
the following four comparators as shown in Figure 4:
• IMIN—Compares the control point (LVC) against
0.15V (typ). If IMIN output is low, then a new cycle
cannot begin.
• CCMP—Compares the control point (LVC) against the
charging current (CSI). The high-side MOSFET on-
time is terminated if the CCMP output is high.
• IMAX—Compares the charging current (CSI) to 6A
(RS2 = 0.015
Ω). The high-side MOSFET on-time is
terminated if the IMAX output is high and a new cycle
cannot begin until IMAX goes low.
• ZCMP—Compares the charging current (CSI) to
333mA (RS2 = 0.015
Ω). If ZCMP output is high, then
both MOSFETs are turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com