Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7421 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7421
Description  Low-Power Dual Digital Isolators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7421 Datasheet(HTML) 4 Page - Texas Instruments

  ISO7421 Datasheet HTML 1Page - Texas Instruments ISO7421 Datasheet HTML 2Page - Texas Instruments ISO7421 Datasheet HTML 3Page - Texas Instruments ISO7421 Datasheet HTML 4Page - Texas Instruments ISO7421 Datasheet HTML 5Page - Texas Instruments ISO7421 Datasheet HTML 6Page - Texas Instruments ISO7421 Datasheet HTML 7Page - Texas Instruments ISO7421 Datasheet HTML 8Page - Texas Instruments ISO7421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ISO7420, ISO7420M
ISO7421, ISO7421M
SLLS984A – JUNE 2009 – REVISED DECEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS
VCC1 and VCC2 at 5 V ±10%; TA = –55°C to 125°C for ISO7421M, TA = –40°C to 105°C for ISO7421
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = –4 mA; see Figure 1.
VCC – 0.8
4.6
VOH
High-level output voltage
V
IOH = –20 μA; see Figure 1.
VCC – 0.1
5
IOL = 4 mA; see Figure 1.
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 μA; see Figure 1.
0
0.1
VI(HYS) Input threshold voltage hysteresis
400
mV
IIH
High-level input current
10
μA
IN from 0 V or VCC
IIL
Low-level input current
–10
μA
CI
Input capacitance to ground
IN at VCC, VI = 0.4 sin (4E6πt)
1.2
pF
CMTI
Common-mode transient immunity
VI = VCC or 0 V; see Figure 3.
25
50
kV/
μs
SUPPLY CURRENT
ISO7420
Quiescent
0.4
0.8
25 Mbps
1.5
2.5
ICC1
Supply current for VCC1
VI = VCC or 0 V, no load
mA
100 Mbps
5
8
200 Mbps
8
17
Quiescent
2.7
4.5
25 Mbps
3.8
6
ICC2
Supply current for VCC2
VI = VCC or 0 V, no load
mA
100 Mbps
7
11
200 Mbps
15
20
ISO7421
Quiescent
2
3
25 Mbps
3.5
5
ICC1
Supply current for VCC1
VI = VCC or 0 V, no load
mA
100 Mbps
7.5
11
200 Mbps
12
17
Quiescent
2
3
25 Mbps
3.5
5
ICC2
Supply current for VCC2
VI = VCC or 0 V, no load
mA
100 Mbps
7.5
11
200 Mbps
12
17
SWITCHING CHARACTERISTICS
VCC1 and VCC2 at 5 V ±10%; TA = –55°C to 125°C for ISO7421M, TA = –40°C to 105°C for ISO7421
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 1.
9
12
ns
PWD(1)
Pulse duration distortion |tPHL – tPLH|
0.3
1.5
ns
tsk(pp)
Part-to-part skew time
2
ns
tsk(o)
Channel-to-channel output skew time
1.6
ns
tr
Output signal rise time
See Figure 1.
1
ns
tf
Output signal fall time
1
ns
tfs
Fail-safe output delay time from input power loss
See Figure 2.
6
μs
tui
Input pulse duration
5
4
ns
1 / tui
Signaling rate
0
250
200
Mbps
(1)
Also known as pulse skew.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ISO7420, ISO7420M ISO7421, ISO7421M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com