Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7421 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7421
Description  Low-Power Dual Digital Isolators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7421 Datasheet(HTML) 1 Page - Texas Instruments

  ISO7421 Datasheet HTML 1Page - Texas Instruments ISO7421 Datasheet HTML 2Page - Texas Instruments ISO7421 Datasheet HTML 3Page - Texas Instruments ISO7421 Datasheet HTML 4Page - Texas Instruments ISO7421 Datasheet HTML 5Page - Texas Instruments ISO7421 Datasheet HTML 6Page - Texas Instruments ISO7421 Datasheet HTML 7Page - Texas Instruments ISO7421 Datasheet HTML 8Page - Texas Instruments ISO7421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
P0066-08
V
CC1
OUTA
INB
GND1
V
CC2
INA
OUTB
GND2
ISO7421
D Package
(Top View)
1
2
3
4
8
7
6
5
V
CC1
INA
INB
GND1
V
CC2
OUTA
OUTB
GND2
ISO7420
D Package
(Top View)
1
2
3
4
8
7
6
5
ISO7420, ISO7420M
ISO7421, ISO7421M
www.ti.com
SLLS984A – JUNE 2009 – REVISED DECEMBER 2009
Low-Power Dual Digital Isolators
Check for Samples: ISO7420, ISO7420M, ISO7421, ISO7421M
1
FEATURES
APPLICATIONS
•
Optocoupler Replacement in:
2
•
Highest Signaling Rate: up to 250 Mbps
–
Industrial Fieldbus
•
Low Power Consumption, Typical ICC per
–
Profibus
Channel:
–
Modbus
–
2.2 mA at 25 Mbps, 4.2 mA at 100 Mbps
–
DeviceNet™ Data Buses
•
Very Low Propagation Delay – 9 ns Typ. and
–
Servo Control Interface
Very Low Skew – 300 ps Typ.
–
Motor Control
•
Widest TA Range Specified: –55°C to 125°C
–
Power Supplies
•
4-kVpeak Maximum Isolation, 2.5 kVrms per
–
Battery Packs
UL 1577, IEC/VDE and CSA Approved, IEC
60950-1, IEC 61010-1 End Equipment
Standards Approved. All Approvals Pending.
•
50 kV/
μs Transient Immunity, Typical
•
Over 25-Year Isolation Integrity at Rated
Voltage
•
Operates From 3-V to 5.5-V Supply and Logic
Levels
DESCRIPTION
The ISO7421 and ISO7421M provide galvanic isolation up to 2.5 kVrms for 1 minute per UL. These digital
isolators have two isolated channels. Each isolation channel has a logic input and output buffer separated by a
silicon dioxide (SiO2) insulation barrier. Used in conjunction with isolated power supplies, these devices prevent
noise currents on a data bus or other circuit from entering the local ground and interfering with or damaging
sensitive circuitry.
The devices have TTL input thresholds and require two supply voltages from 3 V to 5.5 V, or any combination.
All inputs are 5-V tolerant when supplied from a 3-V supply.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DeviceNet is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ISO7421

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7421 TI-ISO7421 Datasheet
640Kb / 18P
Low-Power Dual Digital Isolators
ISO7421 TI-ISO7421 Datasheet
432Kb / 20P
Low-Power Dual Digital Isolators
ISO7421 TI-ISO7421 Datasheet
1Mb / 28P
ISO742x Low-Power Dual-Channel Digital Isolators
ISO7421 TI2-ISO7421 Datasheet
668Kb / 25P
ISO7421-EP Low-Power Dual Digital Isolators
DECEMBER 2015
ISO7421 TI2-ISO7421 Datasheet
928Kb / 30P
ISO742x Low-Power Dual-Channel Digital Isolators
REVISED JULY 2015
More results

Similar Description - ISO7421

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7421 TI-ISO7421 Datasheet
640Kb / 18P
Low-Power Dual Digital Isolators
ISO7420 TI-ISO7420_10 Datasheet
432Kb / 20P
Low-Power Dual Digital Isolators
ISO7420FE TI-ISO7420FE Datasheet
544Kb / 19P
Low-Power Dual Channel Digital Isolators
ISO7420E_1112 TI-ISO7420E_1112 Datasheet
965Kb / 25P
Low-Power Dual Channel Digital Isolators
ISO7421A-Q1 TI1-ISO7421A-Q1 Datasheet
752Kb / 20P
LOW-POWER DUAL DIGITAL ISOLATORS
ISO7421E-Q1 TI1-ISO7421E-Q1 Datasheet
623Kb / 18P
Low-Power Dual Digital Isolators
ISO7420FED TI1-ISO7420FED Datasheet
1Mb / 27P
Low-Power Dual Channel Digital Isolators
ISO7421-EP TI-ISO7421-EP Datasheet
950Kb / 24P
ISO7421-EP Low-Power Dual Digital Isolators
ISO7420 TI-ISO7420_15 Datasheet
1Mb / 28P
ISO742x Low-Power Dual-Channel Digital Isolators
ISO7421-EP TI1-ISO7421-EP_16 Datasheet
1,006Kb / 24P
Low-Power Dual Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com