Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7421 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7421
Description  Low-Power Dual Digital Isolators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7421 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO7421 Datasheet HTML 5Page - Texas Instruments ISO7421 Datasheet HTML 6Page - Texas Instruments ISO7421 Datasheet HTML 7Page - Texas Instruments ISO7421 Datasheet HTML 8Page - Texas Instruments ISO7421 Datasheet HTML 9Page - Texas Instruments ISO7421 Datasheet HTML 10Page - Texas Instruments ISO7421 Datasheet HTML 11Page - Texas Instruments ISO7421 Datasheet HTML 12Page - Texas Instruments ISO7421 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ISO7420, ISO7420M
ISO7421, ISO7421M
www.ti.com
SLLS984A – JUNE 2009 – REVISED DECEMBER 2009
DEVICE INFORMATION
PACKAGE CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
L(I01)
Minimum air gap (clearance)
Shortest terminal-to-terminal distance through air
4.8
mm
Minimum external tracking
Shortest terminal-to-terminal distance across the
L(I02)
4.3
mm
(creepage)
package surface
Tracking resistance (comparative
CTI
DIN IEC 60112 / VDE 0303 Part 1
>175
V
tracking index)
Minimum internal gap (internal
Distance through the insulation
0.008
mm
clearance)
Input to output, VIO = 500 V, all pins on each side of
the barrier tied together creating a two-terminal device,
>1012
Ω
RIO
Isolation resistance
TA < 100°C
Input to output
>1011
Ω
CIO
Barrier capacitance, input to output
VI = 0.4 sin (4E6πt)
1
pF
NOTE
Creepage and clearance requirements should be applied according to the specific
equipment isolation standards of an application. Care should be taken to maintain the
creepage and clearance distance of a board design to ensure that the mounting pads
of the isolator on the printed-circuit board do not reduce this distance.
Creepage and clearance on a printed-circuit board become equal according to the
measurement techniques shown in the Isolation Glossary. Techniques such as
inserting grooves and/or ribs on a printed circuit board are used to help increase
these specifications.
INSULATION CHARACTERISTICS
(1)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
SPECIFICATION
UNIT
VIORM
Maximum working insulation voltage
560
V
VPR
Input-to-output test voltage
t = 1 s (100% production), partial discharge 5 pC
1050
V
t = 60 s (qualification)
VIOTM
Transient overvoltage
4000
V
t = 1 s (100% production)
t = 60 s (qualification)
2500
VISO
Isolation voltage per UL
Vrms
t = 1 s (100% production)
3000
RS
Insulation resistance
VIO = 500 V at TS
>109
Ω
Pollution degree
2
(1)
Climatic Classification 40/125/21
Table 2. IEC 60664-1 RATINGS TABLE
PARAMETER
TEST CONDITIONS
SPECIFICATION
Basic isolation group
Material group
III-a
Rated mains voltage
≤ 150 Vrms
I–IV
Installation classification
Rated mains voltage
≤ 300 Vrms
I–III
Rated mains voltage
≤ 400 Vrms
I–II
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ISO7420, ISO7420M ISO7421, ISO7421M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com