Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7421 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7421
Description  Low-Power Dual Digital Isolators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7421 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ISO7421 Datasheet HTML 10Page - Texas Instruments ISO7421 Datasheet HTML 11Page - Texas Instruments ISO7421 Datasheet HTML 12Page - Texas Instruments ISO7421 Datasheet HTML 13Page - Texas Instruments ISO7421 Datasheet HTML 14Page - Texas Instruments ISO7421 Datasheet HTML 15Page - Texas Instruments ISO7421 Datasheet HTML 16Page - Texas Instruments ISO7421 Datasheet HTML 17Page - Texas Instruments ISO7421 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
TA − Free-Air Temperature − °C
2.52
2.53
2.54
2.55
2.56
2.57
2.58
2.59
2.60
2.61
2.62
−55
−35
−15
5
25
45
65
85
105
125
G006
FS+
FS−
VOH − High-Level Output Voltage − V
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
1
2
3
4
5
6
VCC1, VCC2 at 3.3 V
G007
VCC1, VCC2 at 5 V
TA = 25°C
VOL − Low-Level Output Voltage − V
0
10
20
30
40
50
60
70
80
0
1
2
3
4
5
6
VCC1, VCC2 at 3.3 V
G008
VCC1, VCC2 at 5 V
TA = 25°C
ISO7420, ISO7420M
ISO7421, ISO7421M
SLLS984A – JUNE 2009 – REVISED DECEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS (continued)
FAIL-SAFE VOLTAGE THRESHOLD
HIGH-LEVEL OUTPUT CURRENT
vs
vs
FREE-AIR TEMPERATURE
HIGH-LEVEL OUTPUT VOLTAGE
Figure 12.
Figure 13.
LOW-LEVEL OUTPUT CURRENT
vs
LOW-LEVEL OUTPUT VOLTAGE
Figure 14.
Figure 15. Eye Diagram at 250 MBPS, 5-V VCC, Typical
Figure 16. Eye Diagram at 200 MBPS, 5-V VCC, 125°C
14
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ISO7420, ISO7420M ISO7421, ISO7421M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com