Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7421 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7421
Description  Low-Power Dual Digital Isolators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7421 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO7421 Datasheet HTML 9Page - Texas Instruments ISO7421 Datasheet HTML 10Page - Texas Instruments ISO7421 Datasheet HTML 11Page - Texas Instruments ISO7421 Datasheet HTML 12Page - Texas Instruments ISO7421 Datasheet HTML 13Page - Texas Instruments ISO7421 Datasheet HTML 14Page - Texas Instruments ISO7421 Datasheet HTML 15Page - Texas Instruments ISO7421 Datasheet HTML 16Page - Texas Instruments ISO7421 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Signal Rate − Mbps
0
2
4
6
8
10
12
14
16
18
20
0
20
40
60
80
100
120
140
160
180
200
VCC1, VCC2 at 3.3 V
G003
VCC1, VCC2 at 5 V
CL = 15 pF
TA = 25°C
Signal Rate − Mbps
0
2
4
6
8
10
12
14
16
18
0
20
40
60
80
100
120
140
160
180
200
VCC1, VCC2 at 3 V
G011
VCC1, VCC2 at 5 V
CL = 15 pF
TA = 25°C
TA − Free-Air Temperature − °C
0
2
4
6
8
10
12
14
−55
−35
−15
5
25
45
65
85
105
125
VCC1, VCC2 at 3.3 V
G004
VCC1, VCC2 at 5 V
TA − Free-Air Temperature − °C
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
−55
−35
−15
5
25
45
65
85
105
125
VIT−, 3.3 V
G005
VIT+, 5 V
VIT+, 3.3 V
VIT−, 5 V
ISO7420, ISO7420M
ISO7421, ISO7421M
www.ti.com
SLLS984A – JUNE 2009 – REVISED DECEMBER 2009
TYPICAL CHARACTERISTICS
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
SIGNAL RATE (ALL CHANNELS)
SIGNAL RATE (ALL CHANNELS)
Figure 8. ISO7421
Figure 9. ISO7420
PROPAGATION DELAY TIME
INPUT VOLTAGE SWITCHING THRESHOLD
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 10.
Figure 11.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ISO7420, ISO7420M ISO7421, ISO7421M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com