Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7421 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7421
Description  Low-Power Dual Digital Isolators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7421 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO7421 Datasheet HTML 7Page - Texas Instruments ISO7421 Datasheet HTML 8Page - Texas Instruments ISO7421 Datasheet HTML 9Page - Texas Instruments ISO7421 Datasheet HTML 10Page - Texas Instruments ISO7421 Datasheet HTML 11Page - Texas Instruments ISO7421 Datasheet HTML 12Page - Texas Instruments ISO7421 Datasheet HTML 13Page - Texas Instruments ISO7421 Datasheet HTML 14Page - Texas Instruments ISO7421 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TC − Case Temperature − °C
0
20
40
60
80
100
120
140
160
180
200
0
50
100
150
200
VCC1, VCC2 at 3.6 V
G002
VCC1, VCC2 at 5.5 V
S0417-01
1
2
3
4
8
7
6
5
V
CC1
0.1 F
m
2 mm
max.
from
V
CC1
OUTA
INB
OUTPUT
INPUT
GND1
ISO7421
V
CC2
0.1 F
m
2 mm
max.
from
V
CC2
INA
OUTB
OUTPUT
INPUT
GND2
ISO7420, ISO7420M
ISO7421, ISO7421M
www.ti.com
SLLS984A – JUNE 2009 – REVISED DECEMBER 2009
(over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
θJB
Junction-to-board thermal resistance
37
°C/W
θJC
Junction-to-case thermal resistance
69.1
°C/W
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF,
PD
Device power dissipation
390
mW
Input a 150-Mbps 50% duty-cycle square wave
Figure 5.
θJC Thermal Derating Curve per IEC 60747-5-2
ICC EQUATIONS
ICC1,2 = ICC1,2_quiescent + Sum of all dynamic ICC inputs on side 1,2 + sum of all dynamic ICC outputs on side 1,2
(1)
ICC_quiescent can be determined from the electrical specification tables for concerned product included in the
datasheet for the appropriate VCC.
Dynamic ICC can be calculated as follows.
At VCC = 3.6, worst case
ICC_input = 0.016 × f
(2)
ICC_output = 0.02 × f + 0.002 × f × (CL – 0.5)
(3)
At VCC = 5.5, worst case
ICC_input = 0.036 × f
(4)
ICC_output = 0.033 × f + 0.0032 × f × (CL – 0.5)
(5)
where ICC is in mA, f = data rate in Mbps, CL = capacitive load in pF.
Figure 6. Typical ISO7421 Application Circuit
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ISO7420, ISO7420M ISO7421, ISO7421M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com