Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7421 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7421
Description  Low-Power Dual Digital Isolators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7421 Datasheet(HTML) 2 Page - Texas Instruments

  ISO7421 Datasheet HTML 1Page - Texas Instruments ISO7421 Datasheet HTML 2Page - Texas Instruments ISO7421 Datasheet HTML 3Page - Texas Instruments ISO7421 Datasheet HTML 4Page - Texas Instruments ISO7421 Datasheet HTML 5Page - Texas Instruments ISO7421 Datasheet HTML 6Page - Texas Instruments ISO7421 Datasheet HTML 7Page - Texas Instruments ISO7421 Datasheet HTML 8Page - Texas Instruments ISO7421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ISO7420, ISO7420M
ISO7421, ISO7421M
SLLS984A – JUNE 2009 – REVISED DECEMBER 2009
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
INA
7
I
Input, channel A
INB
3
I
Input, channel B
GND1
4
–
Ground connection for VCC1
GND2
5
–
Ground connection for VCC2
OUTA
2
O
Output, channel A
OUTB
6
O
Output, channel B
VCC1
1
–
Power supply, VCC1
VCC2
8
–
Power supply, VCC2
Table 1. FUNCTION TABLE(1)
INPUT SIDE
OUTPUT SIDE
INPUT
OUTPUT
VCC
VCC
IN
OUT
H
H
PU
PU
L
L
Open
H
PD
PU
X
H
(1)
PU = Powered up (VCC ≥ 3 V); PD = Powered down (VCC ≤ 2.4 V);
X = Irrelevant; H = High level; L = Low level
AVAILABLE OPTIONS
RATED
INPUT
CHANNEL
MARKED
ORDERING
PRODUCT
PACKAGE
RATED TA
ISOLATION
THRESHOLD
DIRECTION
AS
NUMBER
ISO7420D (rail)
ISO7420
–40°C to 105°C
IS7420
ISO7420DR (reel)
Same direction
ISO7420MD (rail)
ISO7420M
–55°C to 125°C
I7420M
ISO7420MDR
(reel)
~1.5 V (TTL)
2.5 kVrms
D-8
(CMOS compatible)
ISO7421D (rail)
ISO7421
–40°C to 105°C
IS7421
ISO7421DR (reel)
Opposite
ISO7421MD (rail)
directions
ISO7421M
–55°C to 125°C
I7421M
ISO7421MDR
(PREVIEW)
(reel)
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ISO7420, ISO7420M ISO7421, ISO7421M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com