Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33899 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33899
Description  Programmable H-Bridge Power IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33899 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33899 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33899
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33899 Pin Connections
Table 1. 33899 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 12.
Pin Number
Pin Name
Formal Name
Definition
1
VDDQ
Logic Level Output Bias
Sets VOH level of DO output and LSCMP.
2
DO
SPI Data Out
SPI control data output pin from the IC to the MCU.
3
DI
SPI Data In
SPI control data input pin from the MCU to the IC.
4
SCLK
SPI Serial Clock Input
The SCLK input is the clock signal input for synchronization of serial data transfer.
5
CS
Chip Select
(Active Low)
This pin is an input connected to a chip select output of an MCU.
6
CRES
Charge Pump
This pin connects an external capacitor, which is the storage reservoir for the
internal charge pump.
7
REDIS
Automatic Output Re-
Enable Disable
This input pin is a connection to a capacitor that determines the default time the
output will be turned off when the low-side current comparator is tripped, if PWM
has not commanded it. The typical value with a 0.1
μF is 100μs. If shorted, the
feature is disabled.
8, 9, 22, 23
VIGNP
Protected Ignition
Voltage
This input pin is the primary H-Bridge power input.
Note: Not reverse voltage protected.
10, 11
S0
Bridge Output 0
to Load
These output pins drive the bi-directional motor and must be connected together
on the PC board.
12, 19
GND
Ground
These pins must be connected on the PC board to the exposed pad.
13, 17, 18
NC
No Connect
These pins have no internal connections.
14
LSCMP
Low Side Comparator
This output pin pulses high anytime the low side current comparator is tripped.
15
16
EN2
EN1
Master Enable 2
Master Enable 1
These input pins determine the mode of the IC; namely, sleep, standby, and run.
20, 21
S1
Bridge Output 1
to Load
These output pins drive the bi-directional motor and must be connected together
on the PC board.
VDDQ
1
CS
CRES
REDIS
VIGNP
VIGNP
S0
S0
GND
NC
LSCMP
EN2
DI
SCLK
DO
CSNS
FWD
PWM
RS
VIGNP
VIGNP
S1
S1
GND
NC
NC
EN1
VCCL
REV
VCC
7
8
9
10
11
12
13
14
15
3
4
5
6
2
30
24
23
22
21
20
19
18
17
16
28
27
26
25
29
Tab
Tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com