Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33899 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33899
Description  Programmable H-Bridge Power IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33899 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33899 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33899
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics at -40
°C ≤ TJ ≤ +150°C, 4.75V ≤ VCC ≤ 5.25V, 3.14V ≤ VCCL ≤ 3.47V, 2.97V ≤ VDDQ ≤ 5.25V,
6.0V
≤ VIGNP ≤ 26.5V, unless otherwise noted. Typical values reflect the approximate parameter means at TA = 25°C under
nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
VIGNP Operating Voltage
VIGNP
6.0
–
26.5
V
VIGNP Operating Current
VIGNP = 14.5V, H-Bridge Disabled, EN1 = EN2 = 5.0V
IVIGNP
–
–
10
mA
VIGNP Sleep Current
EN1 = EN2 = 0 V
IVIGNP
–
–
145
μA
Under-voltage Shutdown Threshold
VIGNP UV
3.3
–
4.2
V
Over-voltage Shutdown Threshold
VIGNP OV
27
–
32
V
VCC Operating Voltage
VCC
4.75
–
5.25
V
VCC Operating Current @ 5.0V
IVCC
–
–
5.0
mA
VCC Sleep Current
EN1 = EN2 = 0V
IVCC
–
–
25
μA
VCCL Operating Voltage
VCCL
3.14
–
3.47
V
VCCL Operating Current @ 3.3V
IVCCL
–
–
3.0
mA
VCCL Sleep Current
EN1 = EN2 = 0V
IVCCL
–
–
2.0
μA
VDDQ Operating Voltage
VDDQ
2.97
–
5.25
V
VDDQ Operating Current
IVDDQ
–
–
200
μA
VDDQ Sleep Current
EN1 = EN2 = 0V
IVDDQ
–
–
50
μA
POWER-ON RESET
Power-ON Reset Threshold
VCC Rising
VCCPOR
3.8
–
4.7
V
Power-ON Reset Threshold
VCCL Rising
VCCLPOR
2.50
–
2.95
V
Power-ON Reset Hysteresis
VPOR HYS
0.2
–
0.5
V
CHARGE PUMP
CRES Voltage (2 MOSFETs ON) ICRES = - 0.1mA
6.0V
≤ VIGNP < 9.5V
9.5V
≤ VIGNP ≤ 26.5V
VCRES
VIGNP +8
VIGNP +10
–
–
VIGNP +15
VIGNP +18.5
V
CONTROL INPUTS
Input Low Voltage
EN1, EN2, PWM, CS, SCLK, DI, FWD, REV
VIL
–
–
0.8
V
Input HighVoltage
EN1, EN2, PWM, CS, SCLK, DI, FWD, REV
VIH
2.0
–
–
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com