Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33899 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33899
Description  Programmable H-Bridge Power IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33899 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33899 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33899
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
TIMING DIAGRAMS
Figure 4. SPI Timing Diagram
Figure 5. Shut Off and Enable Delay
Figure 6. Slew Time Measurement
tLEAD
tSCLK_HS
tSCLK
tLAG
tCSN
tSCLK_LS
tDO(VALID)
tDO(HOLD)
tDO(DIS)
tDO(ACC)
tDI(SU)
tDI(HOLD)
tR, tF
LSB IN
DATA
MSB IN
MSB OUT
DATA
LSB OUT
DON’T CARE
DI
DO
SCLK
CS
tSODLY
0.8V
tENDLY
VENx
2.0V
5.0V
VS0-S1
@100mA
70%
30%
70%
30%
S0/S1RS
S0/S1RS
VS0-S1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com