Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33899 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33899
Description  Programmable H-Bridge Power IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33899 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33899 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33899
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Protected Power Supply Voltage
VIGNP
-0.3 to 40
V
Logic Supply Voltage
VCC
-0.3 to 7.0
V
Logic Output Bias Voltage
VDDQ
-0.3 to 7.0
V
VCCL Supply Voltage
VCCL
-0.3 to 5.0
V
Input/Output Voltage (FWD, REV, EN1, EN2, PWM, CS, DI, SCLK, DO, CSNS,
LSCMP, RS, REDIS)
VI/O
-0.3 to 7.0
V
Motor Outputs
VS0, VS1
-0.5 to 40
V
Charge Pump Voltage
VCRES
-0.3 to 50
V
ESD Voltage(1)
Human Body Model
Machine Model
VESD1
VESD2
±1500
±200
V
THERMAL RATINGS
Operating Temperature(2)
Ambient
Junction
TA
TJ
-40 to 125
-40 to 150
°C
Storage Temperature
TSTG
-65 to 150
°C
Thermal Resistance, Junction to Ambient(3)
RθJA
18
°C/W
Thermal Resistance, Junction to Case (Exposed Pad)
RθJC
<0.5
°C/W
Peak Package Reflow Temperature During Solder Mounting(4)
TSOLDER
220
°C
Notes
1.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100pF, RZAP = 1500Ω), ESD2 testing is performed in
accordance with the Machine Model (CZAP = 200pF, RZAP = 0Ω).
2.
The junction temperature is the primary limiting parameter. The module thermal design must provide a low enough thermal impedance
to keep the junction temperature within limits for all anticipated power levels and ambient temperatures.
3.
RθJA is referenced to the JEDEC standard 2s2p thermal evaluation board at 1W total device power dissipation in still air. Deviations from
this standard will produce corresponding changes in the actual thermal performance.
4.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com