Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33899 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33899
Description  Programmable H-Bridge Power IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33899 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33899 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Document Number: MC33899
Rev. 4.0, 10/2009
Freescale Semiconductor
Advance Information
This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2007-200
9. All rights reserved.
Programmable H-Bridge
Power IC
The 33899 is designed to drive a DC motor in both forward and
reverse shaft rotation under pulse-width modulation (PWM) control of
speed and torque. A current mirror output provides an analog
feedback signal proportional to the load current. A serial peripheral
interface (SPI) is used to select slew rate control, current
compensation limits and to read diagnostic status (faults) of the H-
Bridge drive circuits. SPI diagnostic reporting includes open circuit,
short-circuit to VIGNP, short-circuit to ground, die temperature range,
and under-voltage on VIGNP.
Features
• Drives inductive loads in a full H-Bridge configuration
• Current mirror output signal (gain selectable via external resistor)
• Short-circuit current limiting
• Thermal shutdown (outputs latched off until reset via the SPI)
• Internal charge pump circuit for the internal high side MOSFETs
• SPI-selectable slew rate control and current limit control
• Over-temperature shutdown
• Outputs can be disabled to high-impedance state
• PWM-able up to 11kHz @ 3.0A
• Synchronous rectification control of the high side MOSFETs
• Low RDS(ON) outputs at high junction temperature (< 165m
Ω @
TA = 125
°C, VIGNP = 6.0V)
• Outputs survive shorts to -1.0V
• Pb-free packaging designated by suffix code VW
Figure 1. 33899 Simplified Application Diagram
PROGRAMMABLE H-BRIDGE POWER IC
VW SUFFIX (Pb-FREE)
98ASH70693A
30-PIN HSOP
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33899VW/R2
-40°C to 125°C
30 HSOP
PC33899CVW
33899
33899
REDIS
CRES
VCCL
S1
S0
RS
VIGNP
VCC
VDDQ
CSNS
FWD
REV
PWM
EN1
EN2
CS
SCLK
D1
D0
LSCMP
GND
VIGNP
+5.0 V
VDDL
MCU


Similar Part No. - 33899

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33899 FREESCALE-33899 Datasheet
485Kb / 26P
Programmable H-Bridge
33899 FREESCALE-33899_10 Datasheet
485Kb / 26P
Programmable H-Bridge
More results

Similar Description - 33899

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6281G INFINEON-TLE6281G Datasheet
270Kb / 15P
H-Bridge Driver IC
Rev 2.2 2006-01-30
TLE6284G INFINEON-TLE6284G Datasheet
261Kb / 15P
H-Bridge Driver IC
2006-01-30
logo
Freescale Semiconductor...
MC33899 FREESCALE-MC33899 Datasheet
429Kb / 26P
Programmable H-Bridge Power IC
MC33899 FREESCALE-MC33899_08 Datasheet
463Kb / 26P
Programmable H-Bridge Power IC
33899 FREESCALE-33899_10 Datasheet
485Kb / 26P
Programmable H-Bridge
logo
Infineon Technologies A...
TLE6284G INFINEON-TLE6284G_08 Datasheet
299Kb / 17P
H-Bridge Driver IC
Rev 2.4 2008-03-18
TLE8209-2SA INFINEON-TLE8209-2SA Datasheet
504Kb / 38P
SPI Programmable H-Bridge
Rev. 1.0, Feb. 2010
TLE8209-2 INFINEON-TLE8209-2 Datasheet
758Kb / 41P
SPI Programmable H-Bridge
Rev. 1.4, October 2014
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
DUAL H-BRIDGE DRIVER IC
logo
Infineon Technologies A...
TLE8209-2SA INFINEON-TLE8209-2SA_12 Datasheet
703Kb / 38P
SPI Programmable H-Bridge
Rev. 1.2, Dec. 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com