Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33899 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 33899
Description  Programmable H-Bridge Power IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33899 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  33899 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
33899
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 33899 Simplified Internal Block Diagram
Gate
Drives
Current
Sense,
Limitation,
and Mirror
Charge
Pump
To Gate
Drives
S1
S0
Direction
and PWM
Control
FWD
REV
PWM
EN1
EN2
VIGNP
Baseline
Slew Rate
Set
RS
Temperature
Sense and
Shutdown
Command, Fault, and
Temperature Register
SCLK
DI
DO
VDDQ
GND
+3.3V
Regulator
VCC
VCCL
CSNS
CRES
CS
LSCMP
PWM
Override
REDIS
M3
M4
M2
M1
Internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com