Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33899 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33899
Description  Programmable H-Bridge Power IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33899 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33899 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33899
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
CURRENT SENSE (CONTINUED)
Current Sense Saturation Voltage
FWD = 5.0V, REV = 0V; Then FWD = 0V, REV = 5.0V, RCSNS= 10kΩ
VCSNS_SAT
VCC -0.2
–
VCC +0.2
V
High Side Current Limit
DI Bit 4 and Bit 3 = 00
DI Bit 4 and Bit 3 = 01(5)
DI Bit 4 and Bit 3 = 10(5)
DI Bit 4 and Bit 3 = 11(5)
IHSLIM
5.8
7.2
8.0
10.0
–
–
–
–
10.2
11.9
13.5
17.9
A
Low Side Current Limit
DI Bit 4 and Bit 3 = 00
DI Bit 4 and Bit 3 = 01
DI Bit 4 and Bit 3 = 10
DI Bit 4 and Bit 3 = 11
ILSLIM
5.3
6.4
7.4
10.0
–
–
–
–
8.8
10.0
11.2
15.0
A
Low Side Current Limit Comparator
DI Bit 4 and Bit 3 = 00
DI Bit 4 and Bit 3 = 01
DI Bit 4 and Bit 3 = 10
DI Bit 4 and Bit 3 = 11
ILSCMP
3.2
4.2
5.0
7.5
–
–
–
–
5.2
6.4
7.5
10.6
A
Current Limit Current Comparator Differential
DI Bit 4 and Bit 3 = 00
DI Bit 4 and Bit 3 = 01
DI Bit 4 and Bit 3 = 10
DI Bit 4 and Bit 3 = 11
ICURLIM-
ILSCMP
1.0
1.0
1.0
1.0
3.0
3.0
3.0
3.0
–
–
–
–
A
LSCMP Output Voltage
IOL = 100μA
IOH = -100μA(7)
VLSCMP_OL
VLSCMP_OH
–
VDDQ-0.5
–
–
0.1
VDDQ
V
REDIS Current
Pull-up Current Source
Pull-down Current Sink
IREDIS_sc
IREDIS_sk
-160
1.0
–
-70
5.0
μA
mA
REDIS Threshold
Voltage Where Low Side MOSFET Turns On
Voltage Where Low Side MOSFET Turns Off(7)
Hysteresis(7)
VREDIS_THR
3.6
3.35
0.15
–
–
–
4.4
4.15
0.35
V
THERMAL
Thermal Shutdown(6), SPI Bits = 11
TLIM
157.5
–
172.5
°C
Thermal Hysteresis(6)
THYS
3.0
–
10
°C
Temperature Warning(6), SPI Bits = 01
TWARN
132.5
–
147.5
°C
Temperature Warning Hysteresis(6)
TWARN(HYS)
3.0
–
10
°C
Notes
5.
Production test at 125
°C is at VIGNP = 6V. Operation to 26.5V is guaranteed by design.
6.
Guaranteed by characterization, not production tested.
7.
Design Information, not production tested.
Table 3. Static Electrical Characteristics (continued)
Characteristics at -40
°C ≤ TJ ≤ +150°C, 4.75V ≤ VCC ≤ 5.25V, 3.14V ≤ VCCL ≤ 3.47V, 2.97V ≤ VDDQ ≤ 5.25V,
6.0V
≤ VIGNP ≤ 26.5V, unless otherwise noted. Typical values reflect the approximate parameter means at TA = 25°C under
nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com