Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD080SL1 Datasheet(PDF) 19 Page - AZ Displays

Part # PD080SL1
Description  TECHNICAL SPECIFICATION
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD080SL1 Datasheet(HTML) 19 Page - AZ Displays

Back Button PD080SL1 Datasheet HTML 15Page - AZ Displays PD080SL1 Datasheet HTML 16Page - AZ Displays PD080SL1 Datasheet HTML 17Page - AZ Displays PD080SL1 Datasheet HTML 18Page - AZ Displays PD080SL1 Datasheet HTML 19Page - AZ Displays PD080SL1 Datasheet HTML 20Page - AZ Displays PD080SL1 Datasheet HTML 21Page - AZ Displays PD080SL1 Datasheet HTML 22Page - AZ Displays PD080SL1 Datasheet HTML 23Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
PD080SL1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.Page:19
VSYNC
R,G,B valid data
Vpw
Vp
Vbp
Vfp
Vdp
CLK
t 6
t 7
t 5
VIH(Min):0.8Vcc
VIL(Max):0.2Vcc
HYSNC
VSYNC
DENB
R7-R0
G7-G0
B7-B0
VALID
DATA
Input Signal
CenterLevel:
0.5Vcc
VIH(Min):0.8Vcc
VIL(Max):0.2Vcc
CLK
a
b
0.5Vcc
Duty ( a ,b ) : 50 +10%
t 8
t 9
P-511-393(V:3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com