Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD080SL1 Datasheet(PDF) 11 Page - AZ Displays

Part # PD080SL1
Description  TECHNICAL SPECIFICATION
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD080SL1 Datasheet(HTML) 11 Page - AZ Displays

Back Button PD080SL1 Datasheet HTML 7Page - AZ Displays PD080SL1 Datasheet HTML 8Page - AZ Displays PD080SL1 Datasheet HTML 9Page - AZ Displays PD080SL1 Datasheet HTML 10Page - AZ Displays PD080SL1 Datasheet HTML 11Page - AZ Displays PD080SL1 Datasheet HTML 12Page - AZ Displays PD080SL1 Datasheet HTML 13Page - AZ Displays PD080SL1 Datasheet HTML 14Page - AZ Displays PD080SL1 Datasheet HTML 15Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
PD080SL1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.Page:11
7-2) Recommended Driving Condition for Back Light
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
Lamp Current
IFL
3
5
8
mA
5mA : 420 cd/㎡
Note 7-3、Note 7-5
Lamp Driving Frequency
FL
25
40
80
KHz
Lamp Voltage
VL
-
510
-
Vrms
IFL=5mA,Note 7-3
Starting Voltage (25℃) (Reference Value)
Vs
-
-
960
Vrms
Starting Voltage (0℃) (Reference Value)
Vs
-
-
1030
Vrms
Starting Voltage (-25℃) (Reference Value)
Vs
-
-
1120
Vrms
Note 7-4
Total power consumption (at IFL=5mA)
-
-
5.1
8
W
Note 7-6
Note 7-3 : The back-light driving waveform should be as closed to sine-wave as possible.
In order to satisfy the quality of B/L , no matter use what kind of inverter , the each output lamp
current must between Min. and Max. to avoid the abnormal display image caused by B/L.
Note 7-4 : The “Starting voltage ” means the minimum voltage of inverter to turn on the CCFL. and it should be
applied to the lamp for more than 1 second to start up. Otherwise the lamp may not be turned on.
Note 7-5: Lamp current is measured with current meter for high frequency as shown below
Inverter
TFT-LCD
Module
~
A
1
2
4
* Pin 4 is Vlow
** Current meter :
Yokogawa 2016-01
Lamp current dissipation testing configuration
Note 7-6 : Not including the efficiency of backlight DC/AC inverter
7-3) Backlight driving
Connector type : “BHR-04VS-1” of Japan Solder less Terminal MFG Co. LTD
PIN NO.
Symbol
Description
Remark
1
VL1
Input Voltage(High)
2
VL2
Input Voltage(High)
3
NC
4
VL4
Input Voltage(Low)
P-511-393(V:3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com