Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD080SL1 Datasheet(PDF) 16 Page - AZ Displays

Part # PD080SL1
Description  TECHNICAL SPECIFICATION
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD080SL1 Datasheet(HTML) 16 Page - AZ Displays

Back Button PD080SL1 Datasheet HTML 12Page - AZ Displays PD080SL1 Datasheet HTML 13Page - AZ Displays PD080SL1 Datasheet HTML 14Page - AZ Displays PD080SL1 Datasheet HTML 15Page - AZ Displays PD080SL1 Datasheet HTML 16Page - AZ Displays PD080SL1 Datasheet HTML 17Page - AZ Displays PD080SL1 Datasheet HTML 18Page - AZ Displays PD080SL1 Datasheet HTML 19Page - AZ Displays PD080SL1 Datasheet HTML 20Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
PD080SL1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.Page:16
10. Input signal timing:
DENB pin have high priority than SYNC mode(HSVC+VSYNC). When IC only use SYNC pin, DENB
pin have to connect to ground.
(A) Timing Specifications (DENB Mode):
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
604 X t3
628X t3
800 X t3
-
Frame Cycling Period
t1
14
16.58
20
ms
Vertical Display Period
t2
600 X t3
600 X t3
600 X t3
-
920 X t5
1056 X t5
1064 X t5
-
Horizontal Scanning Time
t3
24
26.4
33
μs
Horizontal Display Period
t4
800 X t5
800 X t5
800 X t5
-
Clock Cycle
t5
20
25.0
31.25
ns
Clock High Level Time
t6
9.0
-
-
ns
Clock Low Level Time
t7
9.0
-
-
ns
Hold time
t8
4.0
-
-
ns
Set-up time
t9
5.0
-
-
ns
(B) Timing Specifications (SYNC Mode)
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
24
26.4
33
us
Period
Hp
920
1056
1064
tc
Display period
Hdp
800
800
800
tc
Pulse width
Hpw
12
128
202
tc
Back-porch
Hbp
12
86
202
tc
Front-porch
Hfp
42
42
42
tc
Hpw+Hbp
214
214
214
tc
Hsync-CLK
Hhc
10
-
Tc-10
ns
HSYNC
Vsync-Hsync
Hvh
0
0
200
tc
14
16.58
20
ms
Period
(Frame cycling period)
Vp
604
628
800
Hp
Note 1
Display period
Vdp
600
600
600
Hp
Pulse width
Vpw
2
4
27
Hp
Back-porch
Vbp
0
23
25
Hp
Front-porch
Vfp
1
1
1
Hp
VSYNC
Vpw+Vbp
27
27
27
Hp
Note 1: Frame cycling period is optimum in 16.58ms.(60HZ)
P-511-393(V:3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com