Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD080SL1 Datasheet(PDF) 20 Page - AZ Displays

Part # PD080SL1
Description  TECHNICAL SPECIFICATION
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD080SL1 Datasheet(HTML) 20 Page - AZ Displays

Back Button PD080SL1 Datasheet HTML 16Page - AZ Displays PD080SL1 Datasheet HTML 17Page - AZ Displays PD080SL1 Datasheet HTML 18Page - AZ Displays PD080SL1 Datasheet HTML 19Page - AZ Displays PD080SL1 Datasheet HTML 20Page - AZ Displays PD080SL1 Datasheet HTML 21Page - AZ Displays PD080SL1 Datasheet HTML 22Page - AZ Displays PD080SL1 Datasheet HTML 23Page - AZ Displays PD080SL1 Datasheet HTML 24Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
PD080SL1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.Page:20
11.Power On Sequence
3.0 V
3.0 V
0 s< t <35 m s
0 s< t <35 m s
2t1
0<t1
S ignal
B acklight
V DD
1. The supply voltage for input signals should be same as VDD.
2. When the power is off , please keep whole signals (Hsync, Vsync, DENB, CLK, Data) low level or high
impedance.
12. Optical Characteristics
12-1) Specification:
Ta = 25℃
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Remarks
Horizontal
θ
55
60
-
deg
θ(to 6 ’clock)
45
50
-
deg
Note 12-1
Viewing
Angle
Vertical
θ(to 12 o’clock)
CR
≥10
30
35
-
deg
Contrast Ratio
CR
Optimum
direction
200
400
-
-
Note 12-2
Rise
Tr
-
15
30
ms
Response
time
Fall
Tf
θ=0°
φ=0°
-
25
50
ms
Note 12-4
Luminance
L
θ=0
°/φ=0°
390
420
-
cd/㎡
IFL=5mA
Note 12-3
Luminance Uniformity
U
-
75
80
-
%
Note 12-5
x
θ=0
°/φ=0°
0.29
0.32
0.35
-
White Chromaticity
y
θ=0
°/φ=0°
0.32
0.35
0.38
-
Lamp Life Time
-
25℃
50000
-
-
hrs
IFL=5mA
Cross Talk Ratio
CTK
-
-
-
3.5
%
Note 12-6
All the optical measurement shall be executed 30 minutes after backlight being turn-on.
The optical characteristics shall be measured in dark room (ambient illumination on panel surface less than 1
Lux). The measuring configuration shows as following figure.
P-511-393(V:3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com