Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD080SL1 Datasheet(PDF) 21 Page - AZ Displays

Part # PD080SL1
Description  TECHNICAL SPECIFICATION
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD080SL1 Datasheet(HTML) 21 Page - AZ Displays

Back Button PD080SL1 Datasheet HTML 17Page - AZ Displays PD080SL1 Datasheet HTML 18Page - AZ Displays PD080SL1 Datasheet HTML 19Page - AZ Displays PD080SL1 Datasheet HTML 20Page - AZ Displays PD080SL1 Datasheet HTML 21Page - AZ Displays PD080SL1 Datasheet HTML 22Page - AZ Displays PD080SL1 Datasheet HTML 23Page - AZ Displays PD080SL1 Datasheet HTML 24Page - AZ Displays PD080SL1 Datasheet HTML 25Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
PD080SL1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.Page:21
TFT-LCD module
DC/AC Inverter
Photometer (TOPCON
BM-5A or BM-7 fast)
Field = 1
°
Optical characteristics measuring configuration
Note 12-1:The definitions of viewing angles are as follows.
12 o’clock
3 o’clock
9 o’clock
6 o’clock
θ
φ
Lamp connector
Note 12-2 : The definition of contrast ratio CR
Luminance at gray level 63
Luminance at gray level 0
=
Note 12-3:The typical luminance value is measured at lamp current 5 mA. The max luminance value is
measured at lamp current 8 mA.
P-511-393(V:3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com