Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD080SL1 Datasheet(PDF) 25 Page - AZ Displays

Part # PD080SL1
Description  TECHNICAL SPECIFICATION
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD080SL1 Datasheet(HTML) 25 Page - AZ Displays

Back Button PD080SL1 Datasheet HTML 18Page - AZ Displays PD080SL1 Datasheet HTML 19Page - AZ Displays PD080SL1 Datasheet HTML 20Page - AZ Displays PD080SL1 Datasheet HTML 21Page - AZ Displays PD080SL1 Datasheet HTML 22Page - AZ Displays PD080SL1 Datasheet HTML 23Page - AZ Displays PD080SL1 Datasheet HTML 24Page - AZ Displays PD080SL1 Datasheet HTML 25Page - AZ Displays PD080SL1 Datasheet HTML 26Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
PD080SL1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.Page:25
14. Reliability Test
No
Test
Item
Test
Condition
1
High Temperature Storage Test
Ta = +80℃, 240 hrs
2
Low Temperature Storage Test
Ta = -25℃, 240 hrs
3
High Temperature Operation Test
Ta =+80℃, 240 hrs
4
Low Temperature Operation Test
Ta = -25℃, 240 hrs
5
High Temperature & High Humidity
Operation Test
Ta = +60℃, 90%RH, 240 hrs
(No Condensation)
6
Thermal Cycling Test
(non-operating)
-20℃
+80℃, 100 Cycles
30 min
30 min
7
Vibration Test
(non-operating)
Frequency:10 ~ 57 HZ ,
Amplitude:0.15 mm 58~500Hz, 1G
Sweep time:11 min ; Test Period:3 hrs
(1 hr for each direction of X, Y, Z)
8
Shock Test
(non-operating)
80G, 6ms, X,Y, Z
1 times for each direction
9
Electron Static Discharge
C=150pF,R=330Ω
Contact=±8KV,Air=±15KV
10 times/terminal
Ta: ambient temperature
Note: The protective film must be removed before temperature test
[Criteria]
In the standard conditions, there is not display function NG issue occurred. (Including: line defect, no
image). All the cosmetic specification is judged before the reliability stress.
P-511-393(V:3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com