Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD080SL1 Datasheet(PDF) 10 Page - AZ Displays

Part # PD080SL1
Description  TECHNICAL SPECIFICATION
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD080SL1 Datasheet(HTML) 10 Page - AZ Displays

Back Button PD080SL1 Datasheet HTML 6Page - AZ Displays PD080SL1 Datasheet HTML 7Page - AZ Displays PD080SL1 Datasheet HTML 8Page - AZ Displays PD080SL1 Datasheet HTML 9Page - AZ Displays PD080SL1 Datasheet HTML 10Page - AZ Displays PD080SL1 Datasheet HTML 11Page - AZ Displays PD080SL1 Datasheet HTML 12Page - AZ Displays PD080SL1 Datasheet HTML 13Page - AZ Displays PD080SL1 Datasheet HTML 14Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
PD080SL1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.Page:10
DENB input signal.
If customer wanted to off the DENB mode , you must keep the DENB always High or Low.
800 tc
DENB
640 tc
(tc: the period of sampling clock)
6. Absolute Maximum Ratings:
GND=0V, Ta=25℃
Parameters
Symbol
MIN.
MAX.
Unit
Remark
Supply Voltage
VDD
-0.3
+4.0
V
Input Signals Voltage
VIN
-0.3
VDD+0.3
V
Note 6-1
Backlight Driving Voltage
VL
-
2000
V
Backlight Driving Frequency
FL
25
80
KHz
Note 6-1: LVDS signal.
7. Electrical Characteristics
7-1) Recommended Operating Conditions:
GND = 0V,Ta = 25℃
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
Supply Voltage
VDD
3.0
3.3
3.6
V
Current Dissipation
IDD
-
153
-
mA
Note 7-1
Total power consumption
PDD
0.46
0.51
0.56
W
LVDS Differential input high threshold
VTH
-
-
100
mV
LVDS Differential input low threshold
VTL
-100
-
-
-
Note 7-2
High
VIH
0.7VCC
-
VCC
V
Input voltage for DPS & FPC
signal
Low
VIL
0
-
0.2VCC
V
Note 7-1 : To test the current dissipation of VDD, using the “color bars” testing pattern shown as below.
1
2345678
1.
White
2.
Yellow
3.
Cyan
4.
Green
5.
Magenta
6.
Red
7.
Blue
8.
Black
IDD current dissipation testing pattern
Note7-2 : Please refers to THC63LVDM83A specification by Thin Corporation. This LCD module conforms to
LVDS standard.
P-511-393(V:3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com