Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604PFF0MLL7R Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MPC5604PFF0MLL7R
Description  microcontroller units (MCUs)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604PFF0MLL7R Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPC5604PFF0MLL7R Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 84 page
background image
MPC5604P Microcontroller Data Sheet, Rev. 5
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
23
3
Electrical characteristics
This section contains detailed information on power considerations, DC/AC electrical characteristics, and AC timing
specifications for the MPC5604P MCU.
The “Symbol” column of the electrical parameter and timings tables contains an additional column containing “SR”, “P”, “C”,
“T” or “D”.
•
“SR” identifies system requirements—conditions that must be provided to ensure normal device operation. An
example is the input voltage of a voltage regulator.
•
“P”, “C”, “T” or “D” apply only to controller characteristics—specifications that define normal device operation. They
specify how each characteristic is guaranteed.
— P: parameter is guaranteed by production testing of each individual device.
— C: parameter is guaranteed by design characterization. Measurements are taken from a statistically relevant
sample size across process variations.
— T: parameter is guaranteed by design characterization on a small sample size from typical devices under typical
conditions unless otherwise noted. All values are shown in the typical (“typ”) column are within this category.
— D: parameters are derived mainly from simulations.
NOTE
All values are preliminary and subject to change during characterization.
3.1
Absolute maximum ratings
Table 5. Absolute maximum ratings1
Symbol
Parameter
Conditions
Min
Max2
Unit
VSS_HV
SR Digital ground
—
0
0
V
VDD_HV_IOx
3
SR 3.3 V / 5.0 V input/output supply
voltage with respect to ground
(VSS_HV)
—–0.3
6.0
V
VSS_HV_IOx
SR Input/output ground voltage with
respect to ground (VSS_HV)
—–0.1
0.1
V
VDD_HV_FL
SR 3.3 V / 5.0 V code and data flash
supply voltage with respect to ground
(VSS_HV)
—–0.3
6.0
V
Relative to
VDD_HV_IOx
–0.3
VDD_HV_IOx +0.3
VSS_HV_FL
SR Code and data flash ground with
respect to ground (VSS_HV)
—–0.1
0.1
V
VDD_HV_OSC
SR 3.3 V / 5.0 V crystal oscillator amplifier
supply voltage with respect to ground
(VSS_HV)
—–0.3
6.0
V
Relative to
VDD_HV_IOx
–0.3
VDD_HV_IOx +0.3
VSS_HV_OSC
SR 3.3 V / 5.0 V crystal oscillator amplifier
reference voltage with respect to
ground (VSS_HV)
—–0.1
0.1
V
VDD_HV_REG
SR 3.3 V / 5.0 V voltage regulator supply
voltage with respect to ground
(VSS_HV)
—– 0.3
6.0
V
Relative to
VDD_HV_IOx
– 0.3
VDD_HV_IOx +0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com