Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604PFF0MLL7R Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC5604PFF0MLL7R
Description  microcontroller units (MCUs)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604PFF0MLL7R Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC5604PFF0MLL7R Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 84 page
background image
MPC5604P Microcontroller Data Sheet, Rev. 5
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
3
1
Overview
This document provides electrical specifications, pin assignments, and package diagrams for the MPC5604P series of
microcontroller units (MCUs). For functional characteristics, refer to the MPC5604P Microcontroller Reference Manual.
MPC5604P microcontrollers are members of a new family of next generation microcontrollers built on the Power
Architecture™. This document describes the features of the family and options available within the family members, and
highlights important electrical and physical characteristics of the devices.
The MPC5604P family of 32-bit microcontrollers is the latest achievement in integrated automotive application controllers. It
belongs to an expanding range of automotive-focused products designed to address electrical hydraulic power steering (EHPS),
electric power steering (EPS) and airbag applications. The advanced and cost-efficient host processor core of the MPC5604P
automotive controller family complies with the Power Architecture embedded category, which is 100 percent user-mode
compatible with the original PowerPC user instruction set architecture (UISA). It operates at speeds of up to 64 MHz and offers
high performance processing optimized for low power consumption. It capitalizes on the available development infrastructure
of current Power Architecture devices and is supported with software drivers, operating systems and configuration code to assist
with users implementations.
1.1
Device comparison
Table 1 provides a summary of different members of the MPC5604P family and their features to enable a comparison among
the family members and an understanding of the range of functionality offered within this family.
Table 1. MPC5604P device comparison
Feature
MPC5603P
MPC5604P
Code Flash memory (with ECC)
384 KB
512 KB
Data Flash / EE (with ECC)
64 KB
64 KB
RAM (with ECC)
36 KB
40 KB
Processor core
32-bit e200z0h
Instruction set
VLE
CPU performance
0–64 MHz
FMPLL (frequency-modulated phase-locked loop) modules
2
INTC (interrupt controller) channels
147
PIT (periodic interrupt timer)
1 (includes four 32-bit timers)
Enhanced DMA (direct memory access) channels
16
FlexRay
Yes1
FlexCAN (controller area network)
22,3
Safety port
Yes (via second FlexCAN module)
FCU (fault collection unit)
Yes
CTU (cross triggering unit)
Yes
eTimer channels
2 × 6
FlexPWM (pulse-width modulation) channels
8
Analog-to-digital converters (ADC)
Two (10-bit, 16-channel)
LINFlex modules
2
DSPI (deserial serial peripheral interface) modules
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com