Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604PFF0MLL7R Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # MPC5604PFF0MLL7R
Description  microcontroller units (MCUs)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604PFF0MLL7R Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MPC5604PFF0MLL7R Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
MPC5604P Microcontroller Data Sheet, Rev. 5
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
41
3.8.3
DC Electrical characteristics (3.3 V)
Table 19 gives the DC electrical characteristics at 3.3 V (3.0 V < VDD_HV_IOx < 3.6 V, NVUSRO[PAD3V5V]=1) as described
in Figure 14.
Table 18. Supply current (5.0 V, NVUSRO[PAD3V5V]=0)
Symbol
Parameter
Conditions
Value1
1 All values to be confirmed after characterization/data collection.
Unit
Typ
Max
I
DD_LV_CORE
T
Supply
current
RUN - Maximum Mode2
2 Maximum mode: FlexPWM, ADCs, CTU, DSPI, LINFlex, FlexCAN, 15 output pins, 1st and 2nd PLL enabled, 125 °C ambient.
I/O supply current excluded.
V
DD_LV_CORE
externally forced at 1.3 V
40 MHz
62
77
mA
64 MHz
71
88
RUN - Typical Mode3
3 Typical mode configurations: DSPI, LINFlex, FlexCAN, 15 output pins, 1st PLL only, 105 °C ambient. I/O supply current
excluded.
40 MHz
45
56
64 MHz
52
65
P
RUN - Maximum Mode4
4 Code fetched from Ram, PLL0: 64 MHz system clock (x4 multiplier with 16MHz XTAL), PLL1 is ON @ PHI_div2 = 120 Mhz
and PHI_div3 = 80 Mhz, auxiliary clock sources set that all peripherals receive maximum frequency, all peripheral enabled.
V
DD_LV_CORE
externally forced at 1.3 V
64 MHz
60
TBD
HALT Mode5
5 Halt mode configurations: Code fetched from RAM, C & D FLASH in low power mode, OSC/PLL0/PLL1 are OFF, Core clock
frozen, all peripherals are disabled.
V
DD_LV_CORE
externally forced at 1.3 V
—1.5
10
STOP Mode6
6 STOP "P" mode DUT configuration: Code fetched from RAM, C & D FLASH off, OSC/PLL0/PLL1 are OFF, Core clock frozen,
all peripherals are disabled.
VDD_LV_CORE
externally forced at 1.3 V
—1
10
IDD_FLASH
T
FLASH supply current
during read
VDD_HV_FL at 5.0 V
—
10
12
FLASH supply current
during erase operation
on 1 flash module
VDD_HV_FL at 5.0 V
—
15
19
IDD_ADC
T
ADC supply current - Maximum Mode2 VDD_HV_AD0 at 5.0 V
VDD_HV_AD1 at 5.0 V
ADC Freq = 16MHz
ADC17
7 Includes Temperature Sensor current consumption.
3.5
5
ADC0
3
4
ADC supply current - Typical Mode3
ADC17
0.8
1
ADC0
0.005
0.006
I
DD_OSC
T
OSC supply current
VDD_OSC at 5.0 V
8 MHz
2.6
3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com