Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604PFF0MLL7R Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC5604PFF0MLL7R
Description  microcontroller units (MCUs)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604PFF0MLL7R Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC5604PFF0MLL7R Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
MPC5604P Microcontroller Data Sheet, Rev. 5
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
5
1.2
Block diagram
Figure 1 shows a top-level block diagram of the MPC5604P MCU.
Figure 1. MPC5604P block diagram
e200z0 Core
32-bit
General
Purpose
Registers
Special
Purpose
Registers
Integer
Execution
Unit
Exception
Handler
Variable
Length
Encoded
Instructions
Instruction
Unit
Load/Store
Unit
Branch
Prediction
Unit
1.2 V Regulator
Control
XOSC
16 MHz
RC Oscillator
FMPLL_0
(System)
FMPLL_1
(FlexRay, MotCtrl)
Nexus Port
Controller
Interrupt
Controller
FlexRay
eDMA2 ¥
16 channels
Master
Master
Instruction (32-bit)
Master
Data (32-bit)
Master
Flash memory
(with ECC)
SRAM
(with ECC)
System
Integration
Unit-Lite
Boot
Assist
Module
Slave
Slave
Crossbar Switch (XBAR, AMBA 2.0 v6 AHB)
Peripheral Bridge
4 ch.
11
4
11
CTUCross Triggering Unit
DSPIDeserial Serial Peripheral Interface
ECSMError Correction Status Module
eTimerEnhanced Timer
FlexCANFlexible Controller Area Network
FlexPWMFlexible Pulse Width Modulation
FMPLLFrequency-Modulated Phase-Locked Loop
LINFlexSerial Communication Interface (LIN support)
PITPeriodic Interrupt Timer
SRAMStatic Random-Access Memory
STMSystem Timer Module
SWTSoftware Watchdog Timer
Slave
JTAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com