Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604PFF0MLL7R Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MPC5604PFF0MLL7R
Description  microcontroller units (MCUs)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604PFF0MLL7R Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MPC5604PFF0MLL7R Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 84 page
background image
MPC5604P Microcontroller Data Sheet, Rev. 5
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
56
3.13.2
ADC conversion characteristics
Table 29. ADC conversion characteristics
Symbol
Parameter
Conditions1
1 V
DD = 3.3V to 3.6V / 4.5V to 5.5V, TA = –40 to +125 °C, unless otherwise specified and analog input voltage from
VSS_HV_ADCx to VDD_HV_ADCx.
Value
Unit
Min
Typ
Max
fCK
SR ADC Clock frequency
(depends on ADC
configuration)
(The duty cycle depends on
AD_clk2 frequency)
2 AD_clk clock is always half of the ADC module input clock defined via the auxiliary clock divider for the ADC.
—33
3 When configured to allow 60 MHz ADC, the minimum ADC clock speed is 9 MHz, below which precision is lost.
—60
MHz
fs
SR Sampling frequency
—
—
—
1.53
MHz
tADC_S
D
Sample time4
4 During the sample time the input capacitance CS can be charged/discharged by the external source. The internal
resistance of the analog source must allow the capacitance to reach its final voltage level within tADC_S. After the
end of the sample time tADC_S, changes of the analog input voltage have no effect on the conversion result. Values
for the sample clock tADC_S depend on programming.
fADC = 20 MHz,
INPSAMP = 3
125
ns
fADC = 9 MHz,
INPSAMP = 255
28.2
µs
tADC_C
P
Conversion time5
fADC = 20 MHz
6,
INPCMP = 1
0.650
—
—
µs
CS
7
D
ADC input sampling
capacitance
——
—
2.5
pF
CP1
7
D
ADC input pin capacitance 1
—
—
—
3
pF
CP2
7
D
ADC input pin capacitance 2
—
—
—
1
pF
RSW1
7
D
Internal resistance of analog
source
VDD_HV_ADC = 5 V+/-10%
—
—
0.6
k
Ω
VDD_HV_ADC = 3.3 V+/-10%
—
—
3
k
Ω
RAD
7
D
Internal resistance of analog
source
——
—
2
k
Ω
IINJ
T
Input current injection
Current injection on one ADC input,
different from the converted one.
Remains within TUE spec.
-5
—
5
mA
INL
P
Integral Non Linearity
No overload
–1.5
—
1.5
LSB
DNL
P
Differential Non Linearity
No overload
–1.0
—
1.0
LSB
OFS
T
Offset error
—
—
±1
—
LSB
GNE
T
Gain error
—
—
±1
—
LSB
TUE
P
Total unadjusted error
without current injection
—
-2.5
—
2.5
LSB
TUE
T
Total unadjusted error with
current injection
—-3
—
3
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com