Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604PFF0MLL7R Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MPC5604PFF0MLL7R
Description  microcontroller units (MCUs)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604PFF0MLL7R Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MPC5604PFF0MLL7R Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 84 page
background image
MPC5604P Microcontroller Data Sheet, Rev. 5
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
45
PAD[88]
9%
6%
—
—
PAD[89]
10%
7%
—
—
PAD[90]
15%
11%
—
—
PAD[91]
6%
5%
—
—
PAD[57]
8%
7%
8%
7%
PAD[56]
13%
11%
13%
11%
PAD[53]
14%
12%
14%
12%
PAD[54]
15%
13%
15%
13%
PAD[55]
25%
22%
25%
22%
PAD[96]
27%
24%
—
—
PAD[65]
1%
1%
1%
1%
PAD[67]
1%
1%
—
—
PAD[33]
1%
1%
1%
1%
PAD[68]
1%
1%
—
—
PAD[23]
1%
1%
1%
1%
PAD[69]
1%
1%
—
—
PAD[34]
1%
1%
1%
1%
PAD[70]
1%
1%
—
—
PAD[24]
1%
1%
1%
1%
PAD[71]
1%
1%
—
—
PAD[66]
1%
1%
1%
1%
PAD[25]
1%
1%
1%
1%
PAD[26]
1%
1%
1%
1%
PAD[27]
1%
1%
1%
1%
PAD[28]
1%
1%
1%
1%
PAD[63]
1%
1%
1%
1%
PAD[72]
1%
1%
—
—
PAD[29]
1%
1%
1%
1%
PAD[73]
1%
1%
—
—
PAD[31]
1%
1%
1%
1%
PAD[74]
1%
1%
—
—
PAD[30]
1%
1%
1%
1%
PAD[75]
1%
1%
—
—
Table 22. I/O weight
PAD
144 LQFP
100 LQFP
Weight 5V
Weight 3.3V
Weight 5V
Weight 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com