Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604PFF0MLL7R Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MPC5604PFF0MLL7R
Description  microcontroller units (MCUs)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604PFF0MLL7R Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MPC5604PFF0MLL7R Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5604PFF0MLL7R Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 84 page
background image
MPC5604P Microcontroller Data Sheet, Rev. 5
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
46
PAD[32]
1%
1%
1%
1%
PAD[76]
1%
1%
—
—
PAD[64]
1%
1%
1%
1%
PAD[0]
23%
20%
23%
20%
PAD[1]
21%
18%
21%
18%
PAD[107]
20%
17%
—
—
PAD[58]
19%
16%
19%
16%
PAD[106]
18%
16%
—
—
PAD[59]
17%
15%
17%
15%
PAD[105]
16%
14%
—
—
PAD[43]
15%
13%
15%
13%
PAD[104]
14%
13%
—
—
PAD[44]
13%
12%
13%
12%
PAD[103]
12%
11%
—
—
PAD[2]
11%
10%
11%
10%
PAD[101]
11%
9%
—
—
PAD[21]
10%
8%
10%
8%
TMS
1%1%1%
1%
TCK
1%1%1%
1%
PAD[20]
16%
11%
16%
11%
PAD[3]
4%
3%
4%
3%
PAD[61]
9%
8%
9%
8%
PAD[102]
11%
10%
—
—
PAD[60]
11%
10%
11%
10%
PAD[100]
12%
10%
—
—
PAD[45]
12%
10%
12%
10%
PAD[98]
12%
11%
—
—
PAD[46]
12%
11%
12%
11%
PAD[99]
13%
11%
—
—
PAD[62]
13%
11%
13%
11%
PAD[92]
13%
12%
—
—
VPP_TEST
1%
1%
1%
1%
PAD[4]
14%
12%
14%
12%
Table 22. I/O weight
PAD
144 LQFP
100 LQFP
Weight 5V
Weight 3.3V
Weight 5V
Weight 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com