Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R35V Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT45R35V
Description  C/R to F Type 8-Bit OTP MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R35V Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT45R35V Datasheet HTML 15Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 16Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 17Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 18Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 19Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 20Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 21Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 22Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
HT45R35V
Rev. 1.00
19
January 15, 2009
Bit No.
Label
Function
0~2
¾
Unused bit, read as
²0²
3
¾
Undefined bit, this bit can read/write
4
RCOCON Enable or disable external RC oscillation converter counting (0=disabled; 1=enabled)
5
6
7
RCOM0
RCOM1
RCOM2
Define the Timer A clock source, RCOM2, RCOM1, RCOM0=
000=System clock
001=System clock/4
010=Unused
011=Unused
100=Unused
101=Unused
110=Unused
111=Unused
RCOCCR (22H) Register
to be made. Note that, in this operating mode, the
Timer/Event Counter starts counting not according to
the logic level but according to the transient edges. In
the case of a counter overflow, the counter is reloaded
from the Timer/Event Counter preload register and is-
sues an interrupt request just like the other two modes.
To enable a counting operation, the Timer ON bit, TON; bit
4 of TMRC, should be set to
²1². In the pulse width mea-
surement mode, the TON will be cleared automatically af-
ter the measurement cycle is completed. But in the other
two modes, the TON can only be reset by instructions. The
Timer/Event Counter overflow is one of the wake-up
sources. No matter what the operation mode is, writing a 0
to ETI can disable the interrupt service.
If the Timer/Event Counter is switched off, then writing
data to the Timer/Event Counter preload register will
also directly reload that data to the Timer/Event Coun-
ter. But if the Timer/Event Counter is already running,
data written to it will only be loaded into the Timer/Event
Counter preload register. The Timer/Event Counter will
continue to operate until an overflow occurs. When the
Timer/Event Counter is read, the clock will be blocked to
avoid errors. As clock blocking may results in a counting
error, this must be taken into consideration by the pro-
grammer. Bit0~Bit2 of the TMRC register can be used to
define the pre-scaling stages of the internal clock source
of the Timer/Event Counter.
External RC Oscillation Converter
An external RC oscillation mode is implemented in the
device. The RC oscillation converter contains two 16-bit
programmable count-up counters.
The RC oscillation converter is comprised of the
TMRAL, TMRAH, TMRBL, TMRBH registers when the
RCO bit, bit 1 of RCOCR register, is
²1². The RC oscilla-
tion converter Timer B clock source may come from an
external RC oscillator. The Timer A clock source comes
from the system clock or from the system clock/4, deter-
mined by the RCOCCR register.
There are six registers related to the RC oscillation con-
verter, i.e., TMRAH, TMRAL, RCOCCR, TMRBH,
TMRBL and RCOCR. The internal timer clock is the in-
put to TMRAH and TMRAL, the external RC oscillation
is the input to TMRBH and TMRBL. The OVB bit, bit 0 of
the RCOCR register, decides whether Timer A over-
flows or Timer B overflows, then the RCOCF bit is set
and an external RC oscillation converter interrupt oc-
curs. When the RC oscillation converter mode Timer A
or Timer B overflows, the RCOCON bit is reset to
²0²
and stops counting. Writing to TMRAH/TMRBH places
the start value in Timer A/Timer B while reading
TMRAH/TMRBH obtains the contents of Timer A/Timer
B. Writing to TMRAL/TMRBL only writes the data into a
low byte buffer. However writing to TMRAH/TMRBH will
write the data and the contents of the low byte buffer into
Bit No.
Label
Function
0
OVB
In the RC oscillation converter mode, this bit is used to define the timer/event counter interrupt,
which comes from Timer A overflow or Timer B overflow.
(0=Timer A overflow; 1=Timer B overflow)
1
RCO
Define RC oscillation converter mode.
(0=Disable RC oscillation converter mode; 1=Enable RC oscillation converter mode)
2~3
¾
Unused bit, read as
²0²
4~7
RW
4-bit read/write registers for user defined.
RCOCR (25H) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com