Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R35V Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT45R35V
Description  C/R to F Type 8-Bit OTP MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R35V Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT45R35V Datasheet HTML 23Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 24Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 25Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 26Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 27Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 28Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 29Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 30Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
C to F Application Circuit 1
C to F Application Circuit 2
Note:
1. The
²*R² resistance and ²*C² capacitance should be consideration for the frequency of RC OSC.
2. Rsensor1~Rsensor12 are the resistance sensors.
3. Csensor1~Csensor12 are the capacitance sensors.
HT45R35V
Rev. 1.00
27
January 15, 2009
R C O U T
I N
C R E F
R R E F
* R
C s e n s o r 1
C s e n s o r 2
R C 1
R C 2
R C 1 2
C s e n s o r 1 2
* C
0 . 1 m F
1 0 0 k W
V D D
V S S
0 . 1 m F
R e s e t
C i r c u i t
O S C 1
O S C 2
O S C
C i r c u i t
S e e O s c i l l a t o r
S e c t i o n
H T 4 5 R 3 5 V
V F D 0 ~ V F D 2 3
F 1 O
B Z O
B Z O
P B 0
R E S
V D D
V C C
V O
1 0 m F
H T 4 5 R 3 5 V
V F D 0 ~ V F D 2 3
R C O U T
I N
C R E F
R R E F
* R
C s e n s o r 1
R C 1
R C 2
R C 1 2
C s e n s o r 1 2
* C
C s e n s o r 2
R E S
0 . 1 m F
1 0 0 k W
V D D
V S S
0 . 1 m F
R e s e t
C i r c u i t
O S C 1
O S C 2
O S C
C i r c u i t
S e e O s c i l l a t o r
S e c t i o n
F 1 O
B Z O
B Z O
P B 0
V D D
V C C
V O
1 0 m F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com