Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R35V Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT45R35V
Description  C/R to F Type 8-Bit OTP MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R35V Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT45R35V Datasheet HTML 21Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 22Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 23Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 24Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 25Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 26Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 27Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 28Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
HT45R35V
Rev. 1.00
25
January 15, 2009
Programming Example
The following example shows how the VFD display data is programmed by the microcontroller.
strobe
equ pb.5
clk
equ pb.6
data
equ pb.7
data_2_register:
; send data to vfd driver
mov
a,024d
; shift register counter
mov
count,a
clr
strobe
; strobe = 0
data_2_register_1:
clr
clk
; clk = 0
set
data
; data = 1
snz
vfd_grid.7
clr
data
; data = 0
rlc
vfd_segl
; shift data to vfd[7:0]
rlc
vfd_segh
; shift data to vfd[15:8]
rlc
vfd_grid
; shift data to vfd[22:16]
set
clk
; clk = 1 (rising edge)
sdz
count
jmp
data_2_register_1
set
strobe
; strobe = 1, vfd output
ret
Low Voltage Reset
- LVR
The microcontroller provides a low voltage reset circuit
in order to monitor the supply voltage of the device. If the
supply voltage of the device is within the range
0.9V~VLVR, such as when changing a battery, the LVR
will automatically reset the device internally.
The LVR includes the following specifications:
· The low voltage (0.9V~V
LVR) has to remain in its origi-
nal state for longer than tLVR. If the low voltage state
does not exceed tLVR, the LVR will ignore it and will not
perform a reset function.
· The LVR uses an
²OR² function with the external RES
signal to perform a chip reset.
The relationship between VDD and VLVR is shown below.
Note:
VOPR is the voltage range for proper chip
operation at 4MHz system clock.
5 . 5 V
3 . 0 V
2 . 2 V
0 . 9 V
V D D
V O P R
V L V R
5 . 5 V
V D D
5 . 5 V
V L V R
0 . 9 V
0 V
R e s e t S i g n a l
R e s e t
* 1
* 2
N o r m a l O p e r a t i o n
R e s e t
L V R D e t e c t V o l t a g e
Low Voltage Reset
Note:
*1: To make sure that the system oscillator has stabilized, the SST provides an extra delay of 1024 system
clock pulses before starting the normal operation.
*2: Since low voltage has to be maintained its original state for longer than tLVR, therefore a tLVR delay enters
the reset mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com