Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R35V Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT45R35V
Description  C/R to F Type 8-Bit OTP MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R35V Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT45R35V Datasheet HTML 18Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 19Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 20Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 21Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 22Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 23Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 24Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 25Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
HT45R35V
Rev. 1.00
22
January 15, 2009
If the configuration options select PA0~PA7 to be normal I/O pins, then the corresponding bits in the ASCR2 register, bit
0, bit1, bit4 and bit5, must be set to
²0² to disable the RC1/RC2, RC3/RC4, RC9/RC10 or RC11/RC12 pull-low resis-
tors. These bits are set to
²0² or ²1² by software.
Bit No.
Label
Function
0
ASPLON0
Defines RC1 pull-low and RC2 pull-low is non-pull-low. ASPLON0=
0=RC1 and RC2 are non-pull-low
1=RC1 and RC2 are pull-low or not according RC1, RC2 analog is on or off.
RC1/RC2 is connected to pull-low when ASPLON0=1 and AS1ON/AS2ON analog switch is
off.
1
ASPLON1
Defines RC3 pull-low and RC4 pull-low is non-pull-low. ASPLON1=
0=RC3 and RC4 are non-pull-low
1=RC3 and RC4 are pull-low or not according RC3, RC4 analog is on or off.
RC3/RC4 is connected to pull-low when ASPLON1=1 and AS3ON/AS4ON analog switch is
off.
2
ASPLON2
Defines RC5 pull-low and RC6 pull-low is non-pull-low. ASPLON2=
0=RC5 and RC6 are non-pull-low
1=RC5 and RC6 are pull-low or not according RC5, RC6 analog is on or off.
RC5/RC6 is connected to pull-low when ASPLON2=1 and AS5ON/AS6ON analog switch is
off.
3
ASPLON3
Defines RC7 pull-low and RC8 pull-low is non-pull-low. ASPLON3=
0=RC7 and RC8 are non-pull-low
1=RC7 and RC8 are pull-low or not according RC7, RC8 analog is on or off.
RC7/RC8 is connected to pull-low when ASPLON3=1 and AS7ON/AS8ON analog switch is
off.
4
ASPLON4
Defines RC9 pull-low and RC10 pull-low is non-pull-low. ASPLON4=
0=RC9 and RC10 are non-pull-low
1=RC9 and RC10 are pull-low or not according RC9, RC10 analog is on or off.
RC9/RC10 is connected to pull-low when ASPLON4=1 and AS9ON/AS10ON analog switch is
off.
5
ASPLON5
Defines RC11 pull-low and RC12 pull-low is non-pull-low. ASPLON5=
0=RC11 and RC12 are non-pull-low
1=RC11 and RC12 are pull-low or not according RC11, RC12 analog is on or off.
RC11/RC12 is connected to pull-low when ASPLON5=1 and AS11ON/AS12ON analog switch
is off.
6~7
¾
Unused bit, read as
²0²
ASCR2 (1CH) Register
T . G . 1
T . G . 2
T . G . 3
T . G . 4
T . G . 5
T . G . 6
T . G . 7
T . G . 8
T . G . 9
T . G . 1 0
T . G . 1 1
T . G . 1 2
A S C R 0
A S C R 1
A S C R 2
R C 1
R C 2
R C 3
R C 4
R C 5
R C 6
R C 7
R C 8
R C 9
R C 1 0
R C 1 1
R C 1 2
R C O U T
I N
R R E F
T i m e r B
R C 1 ~ R C 1 2
T . G . 1 ~ T . G . 1 2
R C 1 ~ R C 1 2
P u l l - l o w
C R E F
Analog Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com