Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R35V Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT45R35V
Description  C/R to F Type 8-Bit OTP MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R35V Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT45R35V Datasheet HTML 1Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 2Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 3Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 4Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 5Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Pin Assignment
Pin Description
Pin Name
I/O
Options
Description
PA0/INT0/RC1
PA1/INT1/RC2
PA2/TMR/RC3
PA3/RC4
PA4/RC9
PA5/RC10
PA6/RC11
PA7/RC12
I/O
Pull-high*
Wake-up
Bidirectional 8-bit I/O port. Each pin can be configured as a wake-up input
via configuration options. Software instructions determine if the pin is a
CMOS output or Schmitt trigger input. Pull-high resistors can be added to
the each pin via a configuration option.
Pins PA0 and PA1 are pin-shared with external interrupt input pins INT0
and INT1, respectively. Configuration options determine the interrupt en-
able/disable and the interrupt low/high trigger type. Pins PA2 is
pin-shared with the external timer input pins TMR.
Each Pin of PA0~PA3 and PA4~PA7 are pin-shared with RC1~RC4 and
RC9~RC12 respectively via configuration options.
RC1~RC4 and RC9~RC12 are capacitor or resistor connection pins.
PB0
I/O
Pull-high*
Bidirectional 1-bit I/O port. Software instructions determine if the pin is a
CMOS output or Schmitt trigger input. Pull-high resistors can be added to
the each pin via a configuration option.
PB1~PB2
¾¾
These two pads are internal I/O and not bound out.
PB3/BZI
PB4/F1
PB5/STROBW
PB6/CLK
PB7/DATA
I/O
Pull-high*
PB3~PB7 are used to control the VFD driver interface. Configuration op-
tions determine which pins on the port have pull-high resistors. The pins
should only be used as outputs and as VFD interface pins and not as nor-
mal I/O pins.
RC5~RC8
II/O
¾
Capacitor or resistor connection pins
RCOUT
I
¾
Capacitor or resistor connection pin to RC OSC
IN
I
¾
Oscillation input pin
RREF
O
¾
Reference resistor connection pin
CREF
O
¾
Reference capacitor connection pin
F1O
O
¾
High voltage filament output signal
HT45R35V
Rev. 1.00
3
January 15, 2009
H T 4 5 R 3 5 V
5 2 Q F P - A
N C
P B 0
C R E F
R R E F
I N
R C O U T
P A 0 / I N T 0 / R C 1
P A 1 / I N T 1 / R C 2
P A 2 / T M R / R C 3
P A 3 / R C 4
R C 5
R C 6
R C 7
V F D 1 1
V F D 1 2
V F D 1 3
V F D 1 4
V F D 1 5
V F D 1 6
V F D 1 7
V F D 1 8
V F D 1 9
V F D 2 0
V F D 2 1
V F D 2 2
V F D 2 3
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2
3 4
3 5
3 6
3 7
3 8
3 9
4 8
4 9
5 0
5 1
5 2
2 3 2 4 2 5 2 6
2 7
2 8
2 9
3 0
3 1
3 2
3 3
4 0
4 1
4 2
4 3
4 4
4 5
4 6
4 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com