Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R35V Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT45R35V
Description  C/R to F Type 8-Bit OTP MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R35V Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT45R35V Datasheet HTML 1Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 2Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 3Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 4Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 5Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Pin Name
I/O
Options
Description
BZO
BZO
O
¾
High voltage buzzer complement output signals
VO
¾¾
LDO regulator output
VCC
¾¾
High voltage positive power supply for driving the VFD filament, F1O,
BZO and BZO outputs. An external 10uF capacitor is recommended to be
connected to ground on the PCB to reduce surge voltages.
VFD0~VFD23
O
¾
High voltage grid/segment output for VFD panel
RES
I
¾
Schmitt trigger reset input. Active low
VSS
¾¾
Negative power supply, ground
VDD
¾¾
Positive power supply
OSC1
OSC2
I
O
Crystal or RC
OSC1, OSC2 are connected to an RC network or Crystal determined by a
configuration option, for the internal system clock. In the case of the RC
oscillator, OSC2 can be used to monitor the system clock. Its frequency is
1/4 system clock.
Note:
1. *All pull-high resistors are controlled by an option bit.
2. Pin PB3~PB7 are five internal pins only and not bound out and its port control register must setup this pin
as an output.
3. PB3~PB7 individual pins can be selected to have a pull-high resistor.
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
VCC Supply Voltage.....................................12V to 24V
IOL Total ..............................................................150mA
IOH Total ............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD VCC
Conditions
VDD
Operating Voltage
¾¾
fSYS=4MHz
2.2
¾
5.5
V
fSYS=8MHz
3.3
¾
5.5
V
IDD1
Operating Current
(Crystal OSC, RC OSC)
3V
¾
No load, fSYS=4MHz
¾
12
mA
5V
¾¾
35
mA
IDD2
Operating Current
(Crystal OSC, RC OSC)
5V
¾ No load, fSYS=8MHz
¾
48
mA
ISTB1
Standby Current
(WDT Enabled)
3V
¾
No load, system HALT
¾¾
5
mA
5V
¾¾
¾
10
mA
ISTB2
Standby Current
(WDT Disabled)
3V
¾
No load, system HALT
¾¾
1
mA
5V
¾¾
¾
2
mA
VIL1
Input Low Voltage for I/O Ports,
TMR, INT0 and INT1
¾¾
¾
0
¾
0.3VDD
V
HT45R35V
Rev. 1.00
4
January 15, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com