Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R35V Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT45R35V
Description  C/R to F Type 8-Bit OTP MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R35V Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT45R35V Datasheet HTML 17Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 18Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 19Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 20Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 21Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 22Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 23Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 24Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
HT45R35V
Rev. 1.00
21
January 15, 2009
Analog Switch
There are 12 analog switch lines in the device for RC1~RC12, and three corresponding Analog Switch Control regis-
ters, which are ASCR0, ASCR1 and ASCR2.
If the configuration options select PA0~PA3 to be normal I/O pins, then the corresponding bit 0~bit3 bits in the ASCR0
register will be unimplemented and will be read as zero.
Bit No.
Label
Function
0
AS1ON
Defines RC1 analog switch is on or off. AS1ON=
0=Analog switch 1 on, and RC1 is disconnected to pull-low
1=Analog switch 1 off, and RC1 is connected to pull-low or not according ASPLON0 register
1
AS2ON
Defines RC2 analog switch is on or off. AS2ON=
0=Analog switch 2 on, and RC2 is disconnected to pull-low
1=Analog switch 2 off, and RC2 is connected to pull-low or not according ASPLON0 register
2
AS3ON
Defines RC3 analog switch is on or off. AS3ON=
0=Analog switch 3 on, and RC3 is disconnected to pull-low
1=Analog switch 3 off, and RC3 is connected to pull-low or not according ASPLON1 register
3
AS4ON
Defines RC4 analog switch is on or off. AS4ON=
0=Analog switch 4 on, and RC4 is disconnected to pull-low
1=Analog switch 4 off, and RC4 is connected to pull-low or not according ASPLON1 register
4
AS5ON
Defines RC5 analog switch is on or off. AS5ON=
0=Analog switch 5 on, and RC5 is disconnected to pull-low
1=Analog switch 5 off, and RC5 is connected to pull-low or not according ASPLON2 register
5
AS6ON
Defines RC6 analog switch is on or off. AS6ON=
0=Analog switch 6 on, and RC6 is disconnected to pull-low
1=Analog switch 6 off, and RC6 is connected to pull-low or not according ASPLON2 register
6
AS7ON
Defines RC7 analog switch is on or off. AS7ON=
0=Analog switch 7 on, and RC7 is disconnected to pull-low
1=Analog switch 7 off, and RC7 is connected to pull-low or not according ASPLON3 register
7
AS8ON
Defines RC8 analog switch is on or off. AS8ON=
0=Analog switch 8 on, and RC8 is disconnected to pull-low
1=Analog switch 8 off, and RC8 is connected to pull-low or not according ASPLON3 register
ASCR0 (1AH) Register
If the configuration options select PA4~PA7 to be normal I/O pins, then the corresponding bit 0~bit3 bits in the ASCR1
register will be unimplemented and will be read as zero.
Bit No.
Label
Function
0
AS9ON
Defines RC9 analog switch is on or off. AS9ON=
0=Analog switch 9 on, and RC9 is disconnected to pull-low
1=Analog switch 9 off, and RC9 is connected to pull-low or not according ASPLON4 register
1
AS10ON
Defines RC10 analog switch is on or off. AS10ON=
0=Analog switch 10 on, and RC10 is disconnected to pull-low
1=Analog switch 10 off, and RC10 is connected to pull-low or not according ASPLON4 register
2
AS11ON
Defines RC11 analog switch is on or off. AS11ON=
0=Analog switch 11 on, and RC11 is disconnected to pull-low
1=Analog switch 11 off, and RC11 is connected to pull-low or not according ASPLON5 register
3
AS12ON
Defines RC12 analog switch is on or off. AS12ON=
0=Analog switch 12 on, and RC12 is disconnected to pull-low
1=Analog switch 12 off, and RC12 is connected to pull-low or not according ASPLON5 register
4~7
¾
Unused bit, read as
²0²
ASCR1 (1BH) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com