Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V42 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT82V42
Description  CIS Analog Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V42 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT82V42 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
HT82V42
Rev. 1.00
9
November 20, 2009
CDS/CIS Processing
For CCD type input signals, the time at which the reset
level is sampled, is adjustable by setting control bits
CDSREF[1:0] as shown in the previous figure.
For CIS type input signals, non-CDS processing is
used. During this case, the video level is processed with
the voltage level on VRLC/VBIAS, the pin VRLC/VBIAS
is generated internally or externally. The VRLC/VBIAS
is sampled by Rs at the same time as Vs samples the
video level in this mode.
PGA Gain Registers
There are three PGA registers which are used to individ-
ually program the gain. Bits D7 through D0 control the
gain range in 256 increments. See the figure for a graph
of the PGA gain versus PGA register code. The coding
for the PGA registers is a straight binary number, with all
zero words corresponding to the minimum gain setting
(0.68x) and all one words corresponding to the maxi-
mum gain setting (8x).
The PGA has a gain range from 0.68x (-3.3dB) to 8x
(18dB), adjustable in 256 steps. The Figure shows the
PGA gain as a function of the PGA register code. Al-
though the gain curve is approximately linear in dB, the
gain in V/V varies in nonlinear proportion with the regis-
ter code, according to the following the equation:
Gain (V/V) = 186 / (278-PGA[7:0])
Gain (dB) = 20LOG10 (186/(278-PGA[7:0]))
D7
D6
D5
D4
D3
D2
D1
D0
Gain(V/V) Gain (dB)
MSB
LSB
00000000
0.68
-3.3
010101001
0*
11000000
2.23
7
11100000
3.50
10.8
111111118
18
Note: * Power-on default value
PGA Gain Register Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com