Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V42 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT82V42
Description  CIS Analog Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V42 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT82V42 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 16Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 17Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
HT82V42
Rev. 1.00
14
November 20, 2009
ACYCNRLC
Name
Description
0
Internal no force mux
Input mux, offset and gain registers determined by internal register bits
INTM1, INTM0.
1
Auto-cycling, no force mux
Input mux, offset and gain registers auto-cycled, RINP
® GINP ®
BINP
® RINP ¼ on RLC/ACYC pulse.
Colour Selection Description in Line-by-Line Mode
Operating Modes
Mode
Description
CDS
Max.
Sample
Rate
Sensor Interface
Description
Timing
Requirement
Register Contents
With CDS
Register Contents
Without CDS
1
Monochrome/Colour
Line-by-Line
Yes
5
MSPS
Only one input channel
at a time is
continuously sampled.
DCLK = 30MHz
DCLK: CDSCLK2
ratio is 6:1
SetReg1 : 3F(h)
SetReg1:
2D(h)
2
Fast Monochrome/
Colour Line-by-Line
Yes
10
MSPS
Identical to mode 1
DCLK = 30MHz
DCLK: CDSCLK2
ratio is 3:1
Identical to mode 1
plus SetReg3: bits 5:4
must be set to 0 (h)
Identical to
mode 1
3
Maximum speed
Monochrome/Colour
Line-by-Line
No
15
MSPS
Identical to mode 1
DCLK = 30MHz
DCLK: CDSCLK2
ratio is 2:1
CDS not possible
SetReg1:
6D(h)
4
Slow Monochrome/
Colour Line-by-Line
Yes
3.75
MSPS
Identical to mode 1
DCLK = 30MHz
DCLK: CDSCLK2
ratio is 2n:1, n>=4
Identical to mode 1
Identical to
mode 1
HT82V42 Operating Modes
Operating Mode Timing Diagrams
The following diagrams show 4-bit multiplexed output data and DCLK, CDSCLK2 and input video requirements for
most common operations as shown in Table.
Mode 1 Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com