Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V42 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT82V42
Description  CIS Analog Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V42 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT82V42 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 16Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 17Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 18Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 19Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 20Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
HT82V42
Rev. 1.00
17
November 20, 2009
· Register Map Description
Register
Bit
No.
Bit Name
POR
Description
Setup Register 1
0EN
1
0: Complete power down
1: fully active
1
CDS
1
Select correlated double sampling mode.
0: non-CDS mode
1: CDS mode
2
Reserved
1
Default 1
3
Reserved
1
Default 1
5~4
PGAFS[1:0]
0
Adjust PGA output to optimize the ADC range for different po-
larity sensor output signals. Zero differential PGA input signal
gives.
00: Zero output (use for bipolar video)
01: Zero output
10: Full-scale positive output (use for negative going video)
11: Full-scale negative output (use for positive going video)
6
Mode3
0
Mode3 setting
1: Mode3 enable
Setup Register 2
2
INVOP
0
Digitally inverts the polarity of output data
0: negative going video gives negative going output
1: negative going video gives positive going output
3
VRLCEXT
0
Setting this bit high, changes VRLC/VBIAS to Hi-Z, allowing
VRLC/VBIAS to be driven from an external power source.
5
RLCDACRN
G
1
Sets the output range of the RLCDAC.
0: RLCDAC ranges from 0 to AVDD.
1: RLCDAC ranges from 0 to VRT
7~6
DEL[1:0]
00
Sets the output latency for the ADC clock periods.
1 ADC clock=2 DCLK periods. Under mode3, 1 ADC clock=3
DCLK periods.
00: Minimum latency
01: Delay by 1 ADC clock
10: Delay by 2 ADC clock
11: Delay by 3 ADC clock
Setup Register 3
3~0
RLVC[3:0]
1111
Controls RLCDAC driving The VRLC pin defines the single
ended signal reference voltage or Reset Level Clamp Volt-
age. Refer to the Electrical Characteristic section for details.
5~
CDSREF[1:0]
01
Adjust reset timing under CDS mode
00: Advance 1 DCLK period
01: Normal
10: Retard 1 DCLK
11: Retard 2 DCLK
7~6
Reserved
00
Reserved
Software Reset
Any write to this register will cause all functions to be reset. It
is recommended to execute a software reset after each power
on reset and before any other register writes. When this regis-
ter is written, the reset function will be initiated immediately by
an internal reset signal. If the DCLK exists, the internal reset
signal will keep active for about 2 DCLK cycles. Otherwise,
the device will keep in reset state all the time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com