Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V42 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT82V42
Description  CIS Analog Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V42 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT82V42 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 16Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
HT82V42
Rev. 1.00
13
November 20, 2009
Internal VSMP Pulse Generated by Programmable Internal Sample Detect Circuit
References
The ADC reference voltages are derived from an inter-
nal bandgap reference, and buffered to pins VRT and
VRB, where they must be decoupled to ground. Pin
VRX is driven by a similar buffer, and also requires de-
coupling. The output buffer from the RLCDAC also re-
quires decoupling at pin VRLC/VBIAS.
Power Supply
The HT82V42 can run from a single 3.3V single supply.
Power Management
Power management for the device is performed via the
Control Interface. The device can be powered on or off
completely by clearing the EN bit low.
All the internal registers maintain their previously pro-
grammed value in the power down mode while the Se-
rial Interface inputs remain active.
Line-by-Line Operation
Certain linear sensors (e.g. Contact Image Sensors)
give a colour output on a line-by-line basis. i.e. a full line
of red pixels followed by a line of green pixels followed
by a line of blue pixels.
In this mode the input multiplexer and (optionally) the
PGA/Offset register multiplexers can be auto-cycled by
the application of pulses to the RLC/ACYC input pin by
setting the ACYCNRLC register bit. See Figure for de-
tailed timing information. The multiplexers change on
the first DCLK rising edge after RLC/ACYC is taken
high. A write to the auto-cycle reset register causes
these multiplexers to be reset, selecting the colour R
and the RED offset/gain registers. Alternatively, all three
multiplexers can be controlled via the serial interface by
writing to register bits INTM[1:0] to select the desired
colour. It is also possible for the input multiplexer to be
controlled separately from the PGA and Offset
multiplexers. Table describes all the multiplexer selec-
tion modes that are possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com