Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V42 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT82V42
Description  CIS Analog Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V42 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT82V42 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
HT82V42
CIS Analog Signal Processor
Block Diagram
Rev. 1.00
1
November 20, 2009
Features
· 3.3V single power supply
· Low power consumption: 188mW (Typ.)
· Power-down mode: 300uA (Typ.)
· 16-bit 15 MSPS A/D converter
· Guaranteed won¢t miss codes
· 8-bit programmable gain
· Correlated Double Sampling
· ±315mV 8-bit programmable offset
· Programmable clamp voltage
· Internal voltage reference
· Programmable 4-wire serial interface
· 4-bit multiplexed nibble mode
· 20-pin SSOP/TSSOP package
CDS
10-Bit
DAC
PGA
+
RED
GREEN
BLUE
16-Bit
ADC
BANDGAP
Reference
Configuration
Register
MUX
Register
16 : 4
MUX
Digital
Control
Interface
RED
GREEN
BLUE
16
4
Gain
Registers
Offset
Registers
OD[0]
OD[1]
OD[2]
DGND
DVDD2
AVSS
VRT
VRB
AVSS
AVDD
VIN
CDSCLK2
DCLK
SDI
SEN
SCLK
3:1
MUX
RDAC
GDAC
BDAC
3:1
MUX
RPGA
GPGA
BPGA
VRLC/
BAIS
Clamp
DAC
OD[3]/SDO
VRX
DVDD1
ACYC
General Description
The HT82V42 is a complete analog signal processor for
CCD imaging applications. It features a 1-channel archi-
tecture designed to sample and condition the outputs of
tri-linear color CCD arrays. The channel consists of an
input clamp, Correlated Double Sampler (CDS), offset
DAC and Programmable Gain Amplifier (PGA) and a
high performance 16-bit A/D converter. The CDS ampli-
fiers may be disabled for use with sensors such as Con-
tact Image Sensors (CIS) and CMOS active pixel
sensors, which do not require CDS. The 16-bit digital
output is available in 4-bit wide multiplexed format. The
internal registers are programmed through a 4-wire se-
rial interface, which provides gain, offset and operating
mode adjustments. The HT82V42 operates from a sin-
gle 3.3V power supply and typically consumes 188mW
of power.
Applications
· Flatbed document scanners
· Film scanners
· Digital color copiers
· Multifunction peripherals


Similar Part No. - HT82V42

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V42 HOLTEK-HT82V42 Datasheet
413Kb / 24P
Single-channel 16-Bit CCD/CIS Analog Signal Processor
December 8, 2010
HT82V42 HOLTEK-HT82V42_10 Datasheet
413Kb / 24P
Single-channel 16-Bit CCD/CIS Analog Signal Processor
December 8, 2010
More results

Similar Description - HT82V42

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V14 HOLTEK-HT82V14 Datasheet
115Kb / 12P
14-Bit CCD/CIS Analog Signal Processor
July 12, 2000
HT82V26 HOLTEK-HT82V26 Datasheet
175Kb / 16P
16-Bit CCD/CIS Analog Signal Processor
June 24, 2004
HT82V36 HOLTEK-HT82V36 Datasheet
123Kb / 10P
16-Bit CCD/CIS Analog Signal Processor
June 29, 2004
HT82V16 HOLTEK-HT82V16 Datasheet
139Kb / 12P
16-Bit CCD/CIS Analog Signal Processor
June 7, 2001
HT82V26A HOLTEK-HT82V26A Datasheet
196Kb / 17P
16-Bit CCD/CIS Analog Signal Processor
August 16, 2005
HT82V38 HOLTEK-HT82V38 Datasheet
137Kb / 16P
16-Bit CCD/CIS Analog Signal Processor
July 23, 2009
logo
Unisonic Technologies
M1008 UTC-M1008 Datasheet
372Kb / 11P
16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
logo
Holtek Semiconductor In...
HT82V26A HOLTEK-HT82V26A_12 Datasheet
176Kb / 17P
16-Bit CCD/CIS Analog Signal Processor
February 8, 2012
HT82V36 HOLTEK-HT82V36_08 Datasheet
145Kb / 12P
16-Bit CCD/CIS Analog Signal Processor
November 10, 2008
HT82V38 HOLTEK-HT82V38_14 Datasheet
164Kb / 16P
16-Bit CCD/CIS Analog Signal Processor
August 13, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com