Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V42 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT82V42
Description  CIS Analog Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V42 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT82V42 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 16Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 17Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 18Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 19Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
HT82V42
Rev. 1.00
16
November 20, 2009
Device Configuration
· Register Map
The following table describes the location of each control bit used to determine the device operation. The register
map is programmed by writing the required codes to the appropriate address via the serial interface.
Address
Description
DEF
(h)
R/W
Bit
76
5
43210
000001 Setup Reg 1
0F
R/W
0
Mode3
PGAFS[1]
PGAFS[0]
1
1
CDS
EN
000010 Setup Reg 2
23
R/W
DEL[1]
DEL[0]
RLCDACRNG
0
VRLCEXT
INVOP
1
1
000011 Setup Reg 3
1F
R/W
0
0
CDSREF[1]
CDSREF[0]
RLVC[3]
RLVC[2]
RLVC[1]
RLVC[0]
000100 Software Reset
00
¾
¾¾
¾
¾¾¾¾¾
000101 Auto-cycle Reset
00
¾
¾¾
¾
¾¾¾¾¾
000110 Setup Reg 4
05
R/W
0
0
INTM[1]
INTM[0]
RLCINT
1
ACYCNRLC LINEBYLINE
000111 Revision Number
41
R
¾¾
¾
¾¾¾¾¾
001000 Setup Reg 5
00
R/W
0
0
0
PSENNEG
VDEL[2]
VDEL[1]
VDEL[0]
VSMPDET
001001 Setup Reg 6
00
R/W
ClkMotr
0
0
00000
001010 Reserved
01
R
0
0
0
00000
001011 Reserved
01
R
0
0
0
00000
001100 Reserved
01
R
0
0
0
00000
100000 Red Offset Value
80
R/W
RO[7]
RO[6]
RO[5]
RO[4]
RO[3]
RO[2]
RO[1]
RO[0]
100001 Green Offset Value
80
R/W
GO[7]
GO[6]
GO[5]
GO[4]
GO[3]
GO[2]
GO[1]
GO[0]
100010 Blue Offset Value
80
R/W
BO[7]
BO[6]
BO[5]
BO[4]
BO[3]
BO[2]
BO[1]
BO[0]
100011 RGB Offset Value
80
R/W
RGBO[7]
RGBO[6]
RGBO[5]
RGBO[4]
RGBO[3]
RGBO[2]
RGBO[1]
RGBO[0]
101000 Red PGA Gain
00
R/W
RPGA[7]
RPGA[6]
RPGA[5]
RPGA[4]
RPGA[3]
RPGA[2]
RPGA[1]
RPGA[0]
101001 Green PGA Gain
00
R/W
GPGA[7]
GPGA[6]
GPGA[5]
GPGA[4]
GPGA[3]
GPGA[2]
GPGA[1]
GPGA[0]
101010 Blue PGA Gain
00
R/W
BPGA[7]
BPGA[6]
BPGA[5]
BPGA[4]
BPGA[3]
BPGA[2]
BPGA[1]
BPGA[0]
101011 RGB PGA Gain
00
W
RGBPGA[7] RGBPGA[6]
RGBPGA[5]
RGBPGA[4] RGBPGA[3] RGBPGA[2] RGBPGA[1] RGBPGA[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com