Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V42 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT82V42
Description  CIS Analog Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V42 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT82V42 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
HT82V42
Rev. 1.00
10
November 20, 2009
Offset Registers
There are three offset registers used to individually program the offset. Bits D7 through D0 control the offset range from
-315mV to 315mV in 256 increments.
The Table shows the offset range as a function of the bits D7 through D0.
D7
D6
D5
D4
D3
D2
D1
D0
Offset
(mV)
MSB
LSB
00000000
-315
:
:
:
:
1000000
0*
0
:
:
:
:
11111111
+315
Note :*Power-on default value
Offset Register Settings
ADC Input Black Level Adjust
The output from the PGA should be offset to match the
full-scale range of the ADC (VFS=2.0V). For nega-
tive-going input video signals, a black level (zero differ-
ential) output from the PGA should be offset to the top of
the ADC range by setting register bits PGAFS[1:0]=10.
For positive going input signal the black level should be
offset to the bottom of the ADC range by setting
PGAFS[1:0]=11. Bipolar input video is accommodated
by setting PGAFS[1:0]=00 or PGAFS[1:0]=01 (zero dif-
ferential input voltage gives mid-range ADC output).
Overall Signal Flow Summary
The input sampling block produces an effective input
voltage V1. For CDS, this is the difference between the
input video level VIN and the input reset level VRESET.
For non-CDS this is the difference between the input
video level VIN and the voltage on the VRLC/VBIAS pin,
VVRLC, optionally set via the RLC DAC.
The offset DAC block then adds the amount of fine offset
adjustment required to move the black level of the input
signal towards 0V, producing V2.
The PGA block then amplifies the white level of the input
signal to maximise the ADC range, outputting voltage
V3.
The ADC block then converts the analogue signal, V3,
to a 16-bit unsigned digital output, D1. The digital output
is then inverted, if required, through the output invert
block to produce D2.
Calculating Output for any Given Input
The following equations describe the processing of the
video and reset level signals through the HT82V42. The
values of V1, V2 and V3 are often calculated in reverse
order during device setup. The PGA value is written first
to set the input Voltage range, the Offset DAC is then
adjusted to compensate for any Black/Reset level off-
sets and finally the RLC DAC value is set to position the
reset level correctly during operation.
Overall Signal Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com