Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R33 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT95R33
Description  I/O Type Phone 8-bit MCU with DTMF Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R33 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT95R33 Datasheet HTML 16Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 17Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 18Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 19Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 20Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 21Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 22Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 23Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
HT95R33
Rev. 1.10
20
February 18, 2009
T M R 1 C R e g i s t e r
N o t i m p l e m e n t e d , r e a d a s " 0 "
b 7
E v e n t C o u n t e r A c t i v e E d g e S e l e c t
1 : c o u n t o n f a l l i n g e d g e
0 : c o u n t o n r i s i n g e d g e
T 1 E
T 1 O N
T 1 M 0
T 1 M 1
b 0
T i m e r / E v e n t C o u n t e r C o u n t i n g E n a b l e
1 : e n a b l e
0 : d i s a b l e
O p e r a t i n g M o d e S e l e c t
T 1 M 1
0
0
1
1
T 1 M 0
0
1
0
1
n o m o d e a v a i l a b l e
e v e n t c o u n t e r m o d e
t i m e r m o d e
p u l s e w i d t h m e a s u r e m e n t m o d e
P u l s e W i d t h M e a s u r e m e n t A c t i v e E d g e S e l e c t
1 : s t a r t c o u n t i n g o n r i s i n g e d g e , s t o p o n f a l l i n g e d g e
0 : s t a r t c o u n t i n g o n f a l l i n g e d g e , s t o p o n r i s i n g e d g e
N o t i m p l e m e n t e d , r e a d a s " 0 "
Timer/Event Counter 1 Control Register
Configuring the Timer Mode
In this mode, the Timer/Event Counters can be utilised
to measure fixed time intervals, providing an internal in-
terrupt signal each time the Timer/Event Counter over-
flows. To operate in this mode, the Operating Mode
Select bit pair in the Timer Control Register must be set
to the correct value as shown.
Control Register Operating Mode
Select Bits for the Timer Mode
Bit7 Bit6
10
In this mode the internal clock, is used as the
Timer/Event Counter clock. After the other bits in the
Timer Control Register have been setup, the enable bit,
which is bit 4 of the Timer Control Register, can be set
high to enable the Timer/Event Counter to run. Each
time an internal clock cycle occurs, the Timer/Event
Counter increments by one. When it is full and over-
flows, an interrupt signal is generated and the
Timer/Event Counter will reload the value already
loaded into the preload register and continue counting.
The interrupt can be disabled by ensuring that the
Timer/Event Counter Interrupt Enable bit in the Interrupt
Control Register, is reset to zero.
Configuring the Event Counter Mode
In this mode, a number of externally changing logic
events, occurring on the external timer pin, can be re-
corded by the Timer/Event Counter. To operate in this
mode, the Operating Mode Select bit pair in the Timer
Control Register must be set to the correct value as
shown.
Control Register Operating Mode
Select Bits for the Event Counter Mode
Bit7 Bit6
01
In this mode the external timer pin is used as the
Timer/Event Counter clock source, however it is not di-
vided by the internal prescaler. After the other bits in the
Timer Control Register have been setup, the enable bit,
which is bit 4 of the Timer Control Register, can be set
high to enable the Timer/Event Counter to run. If the Ac-
tive Edge Select bit, which is bit 3 of the Timer Control
Register, is low, the Timer/Event Counter will increment
each time the external timer pin receives a low to high
transition. If the Active Edge Select bit is high, the coun-
ter will increment each time the external timer pin re-
ceives a high to low transition. When it is full and
overflows, an interrupt signal is generated and the
Timer/Event Counter will reload the value already
loaded into the preload register and continue counting.
The interrupt can be disabled by ensuring that the
Timer/Event Counter Interrupt Enable bit in the Interrupt
Control Register, is reset to zero.
I n c r e m e n t
T i m e r C o n t r o l l e r
P r e s c a l e r O u t p u t
T i m e r + 1
T i m e r + 2
T i m e r + N
T i m e r + N + 1
Timer Mode Timing Diagram
T i m e r + 2
E x t e r n a l T i m e
P i n I n p u t
T E = 1
I n c r e m e n t
T i m e r C o u n t e r
T i m e r + 3
T i m e r + 1
Event Counter Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com